Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZD13 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DZD13
Description  0.2W Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DZD13 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DZD13 Datasheet HTML 1Page - Sanyo Semicon Device DZD13 Datasheet HTML 2Page - Sanyo Semicon Device DZD13 Datasheet HTML 3Page - Sanyo Semicon Device DZD13 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.2128-2/4
DZD2.0 to 24
Type No.
Zener Characteristics
Reverse Current
Zener Voltage VZ [V]*
Test
Voltage
VR
Dynamic Resistance
rd [Ω]
f=1kHz
Test
Current
IR
min
max
Sub-
division
3.40
X
Z
X
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
3.65
3.55
3.80
3.70
3.97
3.87
4.10
4.13
4.35
4.00
4.23
4.25
4.50
4.53
4.76
4.40
4.63
4.66
4.90
4.97
5.24
4.80
5.07
5.14
5.40
5.43
5.81
5.30
5.63
5.61
6.00
6.00
6.39
5.80
6.20
6.19
6.60
6.60
7.02
6.40
6.80
6.82
7.20
7.23
7.66
7.00
7.43
7.46
7.90
7.96
8.43
7.70
8.16
8.23
8.70
8.80
9.30
8.50
9.00
9.10
9.60
9.73
10.26
9.40
9.93
10.06
11.60
10.73
11.26
10.40
10.98
11.06
11.60
11.73
12.26
11.40
11.93
12.06
12.60
12.88
13.57
12.40
13.08
13.37
14.10
14.33
15.11
13.80
14.63
14.81
15.60
15.80
16.60
15.30
16.10
16.30
17.10
min
max
3.40
DZD3.6
DZD3.9
DZD4.3
DZD4.7
DZD5.1
DZD5.6
DZD6.2
DZD6.8
DZD7.5
DZD8.2
DZD9.1
DZD10
DZD11
DZD12
DZD13
DZD15
DZD16
3.80
3.70
4.10
4.00
4.50
4.40
4.90
4.80
5.40
5.30
6.00
5.80
6.60
6.40
7.20
7.00
7.90
7.70
8.70
8.50
9.60
9.40
10.60
10.40
11.60
11.40
12.60
12.40
14.10
13.80
15.60
15.30
17.10
max
[
µA]
[V]
[mA]
typ
130
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
10
10
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
1.5
1.5
2.5
2.5
2.5
3.0
3.0
3.0
5.0
5.0
5.0
6.0
6.0
6.0
6.5
6.5
6.5
7.0
7.0
7.0
8.0
8.0
8.0
9.0
9.0
9.0
10.0
10.0
10.0
11.0
11.0
11.0
12.0
12.0
12.0
8.5
8.5
8.5
90
130
90
130
85
130
85
130
80
130
80
130
80
120
60
120
60
120
60
70
35
70
35
70
35
40
15
40
15
40
15
30
8.0
30
8.0
30
8.0
25
7.0
25
7.0
25
7.0
23
6.8
23
6.8
23
6.8
20
5.0
20
5.0
20
5.0
18
4.0
18
4.0
18
4.0
15
4.0
15
4.0
15
4.0
15
4.0
15
4.0
15
4.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
18
3.0
18
3.0
18
3.0
Continued from preceding page.
Electrical Characteristics at Ta = 25˚C
Zener voltage VZ will be subdivided into X, Y, Z at your request.
Continued on next page.
* : t=30ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com