Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC13 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC13
Description  Low-Frequency General-Purpose Amp, Differential Amp, Analog Switch Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC13 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC13 Datasheet HTML 1Page - Sanyo Semicon Device FC13 Datasheet HTML 2Page - Sanyo Semicon Device FC13 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52098HA (KT)/53094TH (KOYO) X-7245 No.4336-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N-Channel Junction Silicon FET
Low-Frequency General-Purpose Amp,
Differential Amp, Analog Switch Applications
Ordering number:EN4336
FC13
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
X
S
D
0
3V
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
t
a
GV
S
D
G
0
3
–V
t
n
e
r
r
u
C
e
t
a
GIG
0
1A
m
t
n
e
r
r
u
C
n
i
a
r
DID
0
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
A
PD
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Package Dimensions
unit:mm
2095A
[FC13]
1:Source1
2:Drain1
3:Gate2
4:Source2
5:Drain2
6:Gate1
SANYO:CP6
Features
· Composite type with 2 FETs contained in the CP
package currently in use, improving the mounting
efficiency greatly.
· The FC13 is formed with two chips, being equivalent
to the 2SK303, placed in one package.
· Excellent in thermal equilibrium and pair capability
and especially suited for differential amp.
Electrical Connection
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C
Electrical Characteristics at Ta = 25˚C
The specifications shown above are for each individual transistor.
Note*:The FC13 is classified by FET1 IDSS as follows :
0
.
3
D
2
.
10
.
6
E
5
.
2
Marking:13
IDSS rank:D,E
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
D
-
GV
D
G
D
)
R
B
(
IG
V
,
A
µ
0
1
–
=
S
D
0
=0
3
–V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
0
2
–
=
S
D
0
=0
.
1
–A
n
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
µ
1
=3
.
0
–9
.
0
–5
.
2
–V
p
o
r
D
e
g
a
t
l
o
V
S
-
G
∆V S
G
V S
G
V
,
)
e
g
r
a
l
/
ll
a
m
s
(
S
D
I
,
V
0
1
=
D
A
m
1
=0
5V
m
t
n
e
r
r
u
C
n
i
a
r
DI
S
S
D
V S
D
V
,
V
0
1
=
S
G
0
=*
2
.
1*
0
.
6A
m
o
i
t
a
R
t
n
e
r
r
u
C
n
i
a
r
DV S
D
I
,
V
0
1
=
S
S
D
)
e
g
r
a
l
/
ll
a
m
s
(9
.
0
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
FY
|
s
f |V S
D
V
,
V
0
1
=
S
G
z
H
k
1
=
f
,
0
=0
.
30
.
5S
m
o
i
t
a
R
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
FV S
D
Y
|
,
V
0
1
=
s
f
)
e
g
r
a
l
/
ll
a
m
s
(
|9
.
0
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
V
,
V
0
1
=
S
G
z
H
M
1
=
f
,
0
=0
.
5F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
V
,
V
0
1
=
S
G
z
H
M
1
=
f
,
0
=9
.
0F
p
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
SR
)
n
o
(
S
D
V S
D
V
,
V
m
0
1
=
S
G
0
=0
5
2
Ω


Similar Part No. - FC13

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC130 SANYO-FC130 Datasheet
36Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
logo
List of Unclassifed Man...
FC1306T ETC2-FC1306T Datasheet
1Mb / 27P
Single Chip Controller for PC ATA Card Adapters
logo
Sanyo Semicon Device
FC131 SANYO-FC131 Datasheet
37Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC132 SANYO-FC132 Datasheet
47Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC133 SANYO-FC133 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
More results

Similar Description - FC13

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
Low-Frequency General-Purpose Amp Applications????
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
Low-Frequency General-Purpose Amp Applications
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SA1882 SANYO-2SA1882 Datasheet
124Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SC4413 SANYO-2SC4413 Datasheet
82Kb / 3P
Low-Frequency General-Purpose Amp Applications??????????
FC11 SANYO-FC11 Datasheet
92Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp Applications
FC119 SANYO-FC119 Datasheet
139Kb / 5P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC120 SANYO-FC120 Datasheet
174Kb / 6P
High-Frequency General-Purpose Amp, Differential Amp Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com