Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38S8AF Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # 38S8AF
Description  -20 ~ 70 째C commercia l application -30 ~ 75 째C on request
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

38S8AF Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  38S8AF Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Liste_Ceramic_Filters
23 Jun. 09
Page 1 of 1
Ceramic packaged
SMD MCF
Type
Nominal
Frequency
Pole
Pass Band
Attenuation
Band
Ripple
max.
Loss
Attenuation
Guaranteed
Terminal
Impedance
MHz
No.
dB
kHz
dB
kHz
dB
dB
dB
Fo ~
±±±± kHz
ZIN = ZOUT
// pF
Cc
pF
21S7A
21.4000
2
3
± 3.75
18
± 18
1.0
1.5
50
-910
± 10
850 // 6.0
21S7B
21.4000
4
3
± 3.75
35
± 14
1.0
2.5
80
-910
± 10
1000 // 4.5
4.5
21S12B
21.4000
4
3
± 6.0
30
± 20
1.0
2.5
80
-910
± 10
1500 // 2.0
8.0
21S15A
21.4000
2
3
± 7.5
15
± 25
1.0
1.5
50
-910
± 10
1500 // 2.0
21S15B
21.4000
4
3
± 7.5
35
± 25
1.0
2.5
80
-910
± 10
1500 // 5.0
5.0
21S30A
21.4000
2
3
± 15.0
15
± 45
1.0
1.5
45
-910
± 10
3000 // 0
21S30B
21.4000
4
3
± 15.0
35
± 50
1.0
2.5
80
-910
± 10
3000 //-1.5
32S8A
32.7680
2
3
± 4.0
40
± 40
1.0
2.0
60
-910
± 10
650 // 4.5
38S8AF
38.4000
2
3
± 4.0
40
± 40
1.0
2.0
65
-910
± 10
650 // 4.5
45S7BF
45.0000
4
3
± 3.75
30
± 12
1.0
4.0
80
-910
± 10
550 // 2.5
15.5
45S15BF
45.0000
4
3
± 7.5
35
± 25
1.0
3.0
80
-910
± 10
900 // 2.0
7.0
45S12BF10
45.1000
4
3
± 6.0
30
± 20
1.0
3.0
80
-910
± 10
950 // 1.2
8.0
45S20BF
45.0000
4
3
± 10.0
25
± 25
1.0
3.0
80
-910
± 10
1000 // 1.6
5.0
45S30BF
45.0000
4
3
± 15.0
30
± 50
1.0
3.0
80
-910
± 10
1500 // 0.7
3.0
45S34AF
45.0000
4
3
± 17.0
15
± 60
1.0
2.5
65
-910
± 10
800 // 2.9
70S15A
70.0000
2
3
± 7.5
18
± 20
1.0
3.0
50
-910
± 10
1500 //-1
73S13B
73.0000
4
3
± 6.5
30
± 20
1.0
4.0
70
-910
± 10
1700 //-0.6
1.3
90S7A
90.0000
2
3
± 10.0
15
± 35
1.0
4.0
30
-910
± 10
1800 //-0.8
92S6A
92.1600
2
3
± 3.0
30
± 30
1.0
3.0
30
-910
± 10
2000 //-1.0
Operating temperature range
-20 ~ +70 °C
commercia l application
-30 ~ +75 °C
on request
-40 ~ +85 °C
industrial application
Packing SMD type
tape & reel: 500, 1k or 2k pieces
Other Nominal Frequencies , Pass Band and Attenuations on request
4 Pole
Dimensions in mm
2 Pole
Example for IR Reflow Soldering Temperature


Similar Part No. - 38S8AF

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
38S-2D MULTICOMP-38S-2D Datasheet
74Kb / 1P
Knobs
17/01/12 V1.1
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
Monolithic Crystal Filters
logo
EUROQUARTZ limited
38SMF EUROQUARTZ-38SMF Datasheet
94Kb / 1P
SMD Micro-Miniature 38SMF Series (2 & 3 Pole in 3.8 x 3.8mm)
38SMF1096A20-3P EUROQUARTZ-38SMF1096A20-3P Datasheet
94Kb / 1P
SMD Micro-Miniature 38SMF Series (2 & 3 Pole in 3.8 x 3.8mm)
logo
Wolfgang Knap
38SMF1096A203P WK-38SMF1096A203P Datasheet
113Kb / 1P
Monolithic Crystal Filters
More results

Similar Description - 38S8AF

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
21M7A QUARTZCOM-21M7A Datasheet
125Kb / 1P
-20 ~ 70 째C commercial application -40 ~ 85 째C industrial application
logo
XP Power Limited
VCS50US05 XPPOWER-VCS50US05 Datasheet
580Kb / 4P
Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
logo
List of Unclassifed Man...
1676257-2 ETC2-1676257-2 Datasheet
271Kb / 5P
High precision - TCR 5ppm/째C and 10ppm/째C
logo
VBsemi Electronics Co.,...
PHB60N03LT VBSEMI-PHB60N03LT Datasheet
1Mb / 10P
N-Channel 30 V (D-S) 175 째C MOSFET
logo
Bel Fuse Inc.
SQE48T20033 BEL-SQE48T20033 Datasheet
1Mb / 13P
Delivers 20 A with no derating up to 70 째C
logo
Weidmuller
2682620000 WEIDMULLER-2682620000 Datasheet
145Kb / 3P
IoT Gateway, Fast Ethernet, IP20, -20 째C...60 째C
November 4, 2021
logo
Vishay Siliconix
SQJ486EP VISHAY-SQJ486EP_V01 Datasheet
241Kb / 11P
Automotive N-Channel 75 V (D-S) 175 °C MOSFET
14-Jul-14
SIDR500EP VISHAY-SIDR500EP Datasheet
170Kb / 7P
N-Channel 30 V (D-S) 175 °C MOSFET
06-Dec-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com