Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16-000310 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 16-000310
Description  SCREEN CAPS WITH LANYARDS & CAPTIVE SCREWS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

16-000310 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  16-000310 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 16-000310 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
343 Technology Drive Suite 1101 Garner, NC Tel. 919-460-8800 Fax. 919-460-0141
Visit us at www.conec.com or email info@conec.com
NEW FROM CONEC – SCREEN CAPS WITH LANYARDS & CAPTIVE SCREWS
TECHNICAL DATA
Metal Shells with Tin Plating
Lanyard Stainless Steel Wire Rope (4.25” Long)
Thumbscrews Steel Nickel Plate or Stainless Steel (IP67 versions only)
Maximum Torque Value for Threads 6 in LB
TPE Ethylene Propylene Thermoplastic Rubber Seal (IP67 Versions only).
For Socket Connectors
No. of Pos.
A
B
C
D
9
31.19
16.79
25.00
6.12
15
39.52
25.12
33.30
6.12
25
53.42
38.84
47.04
5.99
37
69.70
55.30
63.50
5.99
FEATURES AND BENEFITS
• Easy to secure captive 4-40UNC thumb screw
hardware
• Durable 4.25” long free rotating metal
lanyard
• For both male and female connectors
• Water resistant (IP 67) and standard versions
• EMI/RFI protection
• Available in optional M3 screw thread
• RoHS Compliant
• 50 position versions available-consult factory


Similar Part No. - 16-000310

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
16-000310 CONEC-16-000310 Datasheet
94Kb / 1P
SCREEN CAP 9-37pos. FOR SOCKET CONNECTOR with threaded insert, jackscrew and wire rope
30.04.08
More results

Similar Description - 16-000310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC Datasheet
590Kb / 1P
END CAPS
QSEC QUALTEK-QSEC_13 Datasheet
763Kb / 1P
END CAPS
logo
List of Unclassifed Man...
8710 ETC2-8710 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Hammond Manufacturing L...
R100-200-000 HAMMOND-R100-200-000 Datasheet
36Kb / 1P
MATERIAL - DIECAST ALUMINUM ALLOY FOUR M14 CAPTIVE SCREWS
R100-060-000 HAMMOND-R100-060-000 Datasheet
34Kb / 1P
MATERIAL-DIECAST ALUMINUM ALLOY-TWO M9 CAPTIVE SCREWS
R100-242-000 HAMMOND-R100-242-000 Datasheet
34Kb / 1P
MATERIAL - DIECAST ALUMINUM ALLY - FOUR M14 CAPTIVE SCREWS
logo
Winchester Electronics ...
260-510-1410G WINCHESTER-260-510-1410G Datasheet
49Kb / 1P
RDM PLUG ASSEMBLY WITH CAPTIVE CENTER CONTACT
261-510-1410G WINCHESTER-261-510-1410G Datasheet
69Kb / 1P
RDM RECEPTACLE WITH CAPTIVE CENTER CONTACT
logo
Nippon Pulse America, I...
PBAAR NPM-PBAAR Datasheet
394Kb / 2P
Captive Linear Actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com