Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC154 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FC154
Description  High-Speed Switching, High-Frequency Amp Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC154 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FC154 Datasheet HTML 1Page - Sanyo Semicon Device FC154 Datasheet HTML 2Page - Sanyo Semicon Device FC154 Datasheet HTML 3Page - Sanyo Semicon Device FC154 Datasheet HTML 4Page - Sanyo Semicon Device FC154 Datasheet HTML 5Page - Sanyo Semicon Device FC154 Datasheet HTML 6Page - Sanyo Semicon Device FC154 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FC154
No.5099-2/7
Continued from Preceding page.
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
]
)
r
T
N
P
N
(
1
R
T
[
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
2
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
2
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
0
1
=
C
A
m
5
=0
60
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
m
0
1
=5
.
10
.
3z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=7
.
00
.
1F
p
n
i
a
G
r
e
w
o
PG
PV E
C
I
,
V
0
1
=
C
z
H
G
9
.
0
=
f
,
A
m
0
1
=2
1B
d
e
r
u
g
i
F
e
s
i
o
NF
NV E
C
I
,
V
0
1
=
C
z
H
G
9
.
0
=
f
,
A
m
3
=0
.
3B
d
]
)
r
T
P
N
P
(
2
R
T
[
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
5
1
–
=
E 0
=1
.
0
–A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
2
–
=
C 0
=1
.
0
–A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
0
1
–
=
C
A
m
5
–
=0
20
0
1
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
–
=
C
A
m
5
–
=5
.
10
.
3z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
–
=0
.
15
.
1F
p
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
FV E
C
I
,
V
0
1
–
=
C
z
H
G
9
.
0
=
f
,
A
m
5
–
=5
B
d
e
r
u
g
i
F
e
s
i
o
NF
NV E
C
I
,
V
0
1
–
=
C
z
H
G
9
.
0
=
f
,
A
m
3
–
=0
.
2B
d
PG, NF Test Circuit
| S2le | 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com