Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC155 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FC155
Description  Constant-Current Circuit Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC155 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FC155 Datasheet HTML 1Page - Sanyo Semicon Device FC155 Datasheet HTML 2Page - Sanyo Semicon Device FC155 Datasheet HTML 3Page - Sanyo Semicon Device FC155 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FC155
No.5063-2/4
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
]
1
R
T
[
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
5
1
–
=
E 0
=1
.
0
–A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
–
=
C 0
=0
1
2
–0
7
2
–0
9
3
–A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
2
–
=
C
A
m
0
0
1
–
=0
0
1
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
2
–
=
C
A
m
0
5
–
=0
5
1z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV E
C
z
H
M
1
=
f
,
V
0
1
–
=5
F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
0
1
–
=
B
A
m
5
–
=0
0
1
–0
5
2
–V
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
–
=
E 0
=0
2
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
–
=
B
Ε=∞
5
1
–V
e
g
a
t
l
o
V
e
t
a
t
S
-
F
F
O
-
t
u
p
n
IV
)
f
f
o
(
I
V E
C
I
,
V
5
–
=
C
A
µ
0
0
1
–
=7
.
0
–0
8
.
0
–5
9
.
0
–V
e
g
a
t
l
o
V
e
t
a
t
S
-
N
O
-
t
u
p
n
IV
)
n
o
(
I
V E
C
I
,
V
2
.
0
–
=
C
A
m
0
1
–
=5
8
.
0
–2
.
1
–8
.
1
–V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I1
R3
.
37
.
41
.
6V
o
i
t
a
R
e
c
n
a
t
s
i
s
e
R2
R
/
1
R
7
4
.
0k
Ω
]
2
R
T
[
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
5
1
–
=
E 0
=1
.
0
–A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
–
=
C 0
=1
.
0
–A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
)
1
(V E
C
I
,
V
2
–
=
C
A
m
0
1
–
=0
6
10
6
5
h E
F
)
2
(V E
C
I
,
V
2
–
=
C
A
m
0
0
4
–
=0
7z
H
M
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
2
–
=
C
A
m
0
5
–
=0
0
4F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV E
C
z
H
M
1
=
f
,
V
0
1
–
=5
.
6V
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
0
2
–
=
B
A
m
0
1
–
=0
0
2
–0
6
3
–V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
0
2
–
=
B
A
m
0
1
–
=5
9
.
0
–2
.
1
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
–
=
E 0
=0
2
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
–
=
B
Ε=∞
5
1
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
EV
O
B
E
)
R
B
(
IC
I
,
A
µ
0
1
–
=
C 0
=
5
–V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com