Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC804 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC804
Description  30V, 200mA Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC804 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC804 Datasheet HTML 1Page - Sanyo Semicon Device FC804 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22898HA (KT)/53196GI (KOTO) /O259MO, TS No.3194-1/2
FC804
Ordering number :EN3194A
30V, 200mA Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Schottky Barrier Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
3V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
N
2V
M
S
R
5
3V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
0
2A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
M
0
5
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
–
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
5
=0
3V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
0
2
=
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
1
=
5
1A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
1
=3
.
6F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
,
A
m
0
1
)
–
(
=
0
1s
n
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
trr Test Circuit
Electrical Connection
Features
· Low forward voltage (VF max=0.55V) .
· Fast reverse recorvery time (trr max=10ns) .
· Composite type with 2 diodes contained in the CP
package currently in use, improving the mounting
efficiency greatly.
· The FC804 is formed with two chips, each being
equivalent to the SB02–03C, placed in one package.
Package Dimensions
unit:mm
1236A
[FC804]
1:Cathode
2:Cathode
3:Cathode
4:No connection
5:Anode
SANYO:CP5
Note) The specifications shown above are for each individual diode.
· Marking:804
˚C
˚C


Similar Part No. - FC804

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC801 SANYO-FC801 Datasheet
43Kb / 2P
Composite Diode for High-Speed Switching Applications
FC802 SANYO-FC802 Datasheet
42Kb / 2P
Composite Diode for High-Speed Switching Applications
logo
Positronic.
FC8020D2 POSITRONIC-FC8020D2 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2AL POSITRONIC-FC8022D2AL Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2CH POSITRONIC-FC8022D2CH Datasheet
4Mb / 86P
Positronic Provides Complete Capability
More results

Similar Description - FC804

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2731 ROHM-2SK2731 Datasheet
112Kb / 4P
Interface and switching (30V, 200mA)
logo
Sanyo Semicon Device
SB02-03C SANYO-SB02-03C Datasheet
50Kb / 2P
30V, 200mA Rectifier
SB02-03Q SANYO-SB02-03Q Datasheet
55Kb / 2P
30V, 200mA Rectifier
SB02-03S SANYO-SB02-03S Datasheet
56Kb / 2P
30V, 200mA Rectifier
SB02W03C SANYO-SB02W03C Datasheet
60Kb / 2P
30V, 200mA Rectifier
SB02W03S SANYO-SB02W03S Datasheet
56Kb / 2P
30V, 200mA Rectifier
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
SS0203EJ SANYO-SS0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
logo
Rohm
2SK2731T146 ROHM-2SK2731T146 Datasheet
128Kb / 5P
Interface and switching (30V, 200mA)
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
30V 200mA Schottky Diode
Rev 1.1 13/07/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com