Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH202 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FH202
Description  VCO OSC Circuit Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH202 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FH202 Datasheet HTML 1Page - Sanyo Semicon Device FH202 Datasheet HTML 2Page - Sanyo Semicon Device FH202 Datasheet HTML 3Page - Sanyo Semicon Device FH202 Datasheet HTML 4Page - Sanyo Semicon Device FH202 Datasheet HTML 5Page - Sanyo Semicon Device FH202 Datasheet HTML 6Page - Sanyo Semicon Device FH202 Datasheet HTML 7Page - Sanyo Semicon Device FH202 Datasheet HTML 8Page - Sanyo Semicon Device FH202 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FH202
No.6220–4/9
S parameter [Tr1]
0
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
2.0GHz
2.0GHz
0.1GHz
0.1GHz
0.1GHz
2.0GHz
VCE=2V
IC=3mA
VCE=5V
IC=7mA
VCE=5V
IC=20mA
50
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
20
16
12
8
4
0.1GHz
0.1GHz
0.1GHz
2.0GHz
2.0GHz
2.0GHz
VCE=5V
IC=20mA
VCE=5V
IC=7mA
VCE=2V
IC=3mA
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
60°
30°
0.04 0.08 0.12 0.16 0.2
0.1GHz
0.1GHz
0.1GHz
2.0GHz
2.0GHz
2.0GHz
VCE=5V
IC=20mA
VCE=2V
IC=3mA
VCE=5V
IC=7mA
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
50
2.0GHz
2.0GHz
2.0GHz
VCE=5V
IC=20mA
VCE=2V
IC=3mA
VCE=5V
IC=7mA
IT00364
IT00365
IT00366
IT00367
f=100MHz, 200MHz to 2000MHz(200MHz Step)
f=100MHz, 200MHz to 2000MHz(200MHz Step)
f=100MHz, 200MHz to 2000MHz(200MHz Step)
f=100MHz, 200MHz to 2000MHz(200MHz Step)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com