Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH203 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FH203
Description  VCO OSC Circuit Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH203 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FH203 Datasheet HTML 1Page - Sanyo Semicon Device FH203 Datasheet HTML 2Page - Sanyo Semicon Device FH203 Datasheet HTML 3Page - Sanyo Semicon Device FH203 Datasheet HTML 4Page - Sanyo Semicon Device FH203 Datasheet HTML 5Page - Sanyo Semicon Device FH203 Datasheet HTML 6Page - Sanyo Semicon Device FH203 Datasheet HTML 7Page - Sanyo Semicon Device FH203 Datasheet HTML 8Page - Sanyo Semicon Device FH203 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FH203
No.6179–4/9
S Parameters (Common emitter) [Tr1]
VCE=5V, IC=5mA, ZO=50Ω
VCE=5V, IC=10mA, ZO=50Ω
VCE=2V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
23
6
7
.
05
.
7
3
–6
2
9
.
1
19
.
6
4
16
3
0
.
07
.
0
72
9
8
.
01
.
9
1
–
0
0
40
9
5
.
04
.
5
6
–2
0
2
.
93
.
4
2
18
5
0
.
09
.
0
60
4
7
.
01
.
9
2
–
0
0
66
5
4
.
05
.
5
8
–3
7
1
.
74
.
9
0
13
7
0
.
04
.
7
51
3
6
.
07
.
3
3
–
0
0
84
7
3
.
00
.
2
0
1
–3
4
7
.
57
.
8
96
8
0
.
07
.
6
56
6
5
.
08
.
5
3
–
0
0
0
13
2
3
.
00
.
5
1
1
–5
8
7
.
45
.
0
98
9
0
.
07
.
6
58
2
5
.
02
.
7
3
–
0
0
2
18
8
2
.
05
.
7
2
1
–5
0
1
.
46
.
3
80
1
1
.
02
.
7
55
0
5
.
04
.
8
3
–
0
0
4
14
6
2
.
07
.
7
3
1
–9
9
5
.
35
.
7
73
2
1
.
07
.
7
58
8
4
.
06
.
9
3
–
0
0
6
18
4
2
.
04
.
7
4
1
–3
1
2
.
33
.
1
76
3
1
.
06
.
7
56
7
4
.
02
.
1
4
–
0
0
8
19
3
2
.
09
.
6
5
1
–5
0
9
.
24
.
6
60
5
1
.
06
.
7
56
6
4
.
03
.
3
4
–
0
0
0
25
3
2
.
07
.
5
6
1
–1
5
6
.
23
.
1
65
6
1
.
02
.
7
52
6
4
.
04
.
5
4
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
25
0
6
.
06
.
2
5
–4
5
3
.
6
12
.
6
3
11
3
0
.
05
.
7
64
0
8
.
09
.
3
2
–
0
0
47
1
4
.
06
.
4
8
–1
1
0
.
1
13
.
3
1
18
4
0
.
04
.
2
62
2
6
.
05
.
0
3
–
0
0
69
1
3
.
03
.
6
0
1
–6
2
0
.
85
.
0
0
12
6
0
.
02
.
2
63
3
5
.
00
.
2
3
–
0
0
86
6
2
.
06
.
4
2
1
–0
5
2
.
63
.
1
96
7
0
.
04
.
3
61
9
4
.
04
.
2
3
–
0
0
0
18
3
2
.
05
.
6
3
1
–5
1
1
.
57
.
4
80
9
0
.
03
.
4
69
6
4
.
02
.
3
3
–
0
0
2
15
2
2
.
09
.
8
4
1
–6
3
3
.
48
.
8
74
0
1
.
04
.
4
68
5
4
.
06
.
4
3
–
0
0
4
15
1
2
.
03
.
8
5
1
–3
1
8
.
34
.
3
79
1
1
.
05
.
4
69
4
4
.
08
.
5
3
–
0
0
6
13
1
2
.
03
.
7
6
1
–5
6
3
.
31
.
8
65
3
1
.
08
.
3
63
4
4
.
07
.
7
3
–
0
0
8
12
1
2
.
06
.
5
7
1
–0
3
0
.
35
.
3
60
5
1
.
01
.
3
66
3
4
.
06
.
9
3
–
0
0
0
26
1
2
.
05
.
7
7
1
–4
5
7
.
29
.
8
56
6
1
.
05
.
2
68
3
4
.
09
.
1
4
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
22
4
8
.
07
.
0
3
–1
9
4
.
80
.
3
5
14
4
0
.
05
.
2
71
3
9
.
01
.
7
1
–
0
0
44
0
7
.
03
.
6
5
–1
6
1
.
79
.
1
3
15
7
0
.
09
.
0
68
0
8
.
08
.
8
2
–
0
0
69
7
5
.
01
.
6
7
–9
7
8
.
53
.
6
1
15
9
0
.
01
.
4
56
9
6
.
02
.
6
3
–
0
0
80
8
4
.
01
.
3
9
–2
8
8
.
42
.
4
0
19
0
1
.
00
.
1
55
1
6
.
06
.
0
4
–
0
0
0
17
1
4
.
03
.
6
0
1
–4
5
1
.
40
.
5
91
2
1
.
03
.
9
44
6
5
.
05
.
3
4
–
0
0
2
16
7
3
.
06
.
9
1
1
–7
9
5
.
31
.
7
82
3
1
.
07
.
8
46
2
5
.
08
.
5
4
–
0
0
4
13
4
3
.
02
.
0
3
1
–2
1
2
.
32
.
0
83
4
1
.
06
.
8
49
6
4
.
05
.
7
4
–
0
0
6
19
1
3
.
05
.
0
4
1
–5
7
8
.
24
.
3
74
5
1
.
07
.
8
45
7
4
.
06
.
9
4
–
0
0
8
13
0
3
.
00
.
0
5
1
–4
0
6
.
27
.
7
66
6
1
.
06
.
8
41
6
4
.
06
.
1
5
–
0
0
0
28
9
2
.
00
.
0
6
1
–3
8
3
.
21
.
2
69
7
1
.
09
.
8
41
5
4
.
09
.
2
5
–
VCE=1V, IC=1mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
25
4
9
.
09
.
8
1
–6
9
2
.
35
.
2
6
14
5
0
.
02
.
7
70
8
9
.
00
.
1
1
–
0
0
44
8
8
.
03
.
7
3
–6
0
2
.
39
.
5
4
12
0
1
.
09
.
5
64
3
9
.
05
.
0
2
–
0
0
60
1
8
.
06
.
3
5
–2
4
9
.
22
.
1
3
19
3
1
.
03
.
6
50
7
8
.
00
.
9
2
–
0
0
88
2
7
.
04
.
9
6
–1
1
7
.
28
.
7
1
16
6
1
.
06
.
8
41
1
8
.
05
.
5
3
–
0
0
0
17
6
6
.
05
.
2
8
–9
4
4
.
20
.
7
0
17
8
1
.
05
.
2
43
6
7
.
09
.
0
4
–
0
0
2
15
0
6
.
08
.
5
9
–2
5
2
.
29
.
6
99
9
1
.
03
.
7
35
1
7
.
07
.
5
4
–
0
0
4
11
6
5
.
01
.
6
0
1
–1
6
0
.
21
.
8
87
0
2
.
05
.
3
33
7
6
.
04
.
9
4
–
0
0
6
18
1
5
.
02
.
7
1
1
–9
0
9
.
15
.
9
72
1
2
.
06
.
0
38
3
6
.
04
.
3
5
–
0
0
8
12
9
4
.
05
.
7
2
1
–6
6
7
.
12
.
2
75
1
2
.
06
.
8
21
1
6
.
05
.
6
5
–
0
0
0
25
6
4
.
09
.
7
3
1
–8
5
6
.
12
.
5
67
1
2
.
06
.
7
22
9
5
.
09
.
9
5
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com