Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7310 Datasheet(PDF) 13 Page - ADTech

Part # ADT7310
Description  system specific power supply IC that is suitable for color CCD camera
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7310 Datasheet(HTML) 13 Page - ADTech

Back Button ADT7310 Datasheet HTML 7Page - ADTech ADT7310 Datasheet HTML 8Page - ADTech ADT7310 Datasheet HTML 9Page - ADTech ADT7310 Datasheet HTML 10Page - ADTech ADT7310 Datasheet HTML 11Page - ADTech ADT7310 Datasheet HTML 12Page - ADTech ADT7310 Datasheet HTML 13Page - ADTech ADT7310 Datasheet HTML 14Page - ADTech ADT7310 Datasheet HTML 15Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Oct. 17. 2008 / Rev. 0.0
13/15
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7310
PCB to the bottom layers, thermal VIAs need to be
incorporated into the thermal pad design. The number of
thermal VIAs improve the package thermal performance.
Generally, web-constructed VIA is often used in through-hole
applications to facilitate the soldering of a pin to a large plane.
It has a large thermal resistance to the surrounding layer. For
this reason, do not use web-constructed VIA to the thermal
PAD. It is recommended use completely connected VIA to the
surrounding layer (Figure 2).
If the diameter of the VIAs is too large, solder will be pulled
away from the exposed paddle (solder wicking) during the
reflow process. This will decrease thermal characteristic of the
VIA
3. Recommended PCB patterns
Figure 3 and 4 show adoptive PCB pattern of the ADT7310.
Top and bottom of the thermal PAD patterns are the same and
connected through the thermal VIAs. Also the bottom thermal
PAD must be connected to adjacent ground plane. It is recom-
mended that an array of thermal VIAs should be incorporated
at 1.0 to 1.2mm pitch with VIA diameter of 0.3 to 0.33mm.
PCB design for optimized thermal performance
1. Overview
Temperature characteristic of the ADT7310 is dependant to
power dissipation and heat away of the PCB pattern.
Therefore, in design of the PCB pattern, Consideration of the
heat away characteristic is important.
ADT7310 package is designed to provide enhanced thermal
characteristics through the exposed PAD on the bottom surface
of the package. Exposed PAD effectively decrease the thermal
resistance, which in turn provides excellent heat dissipation
from the die.
In order to take full advantage of exposed PAD, the PCB must
have features to effectively conduct heat away from the
package. This can be achieved by incorporating thermal PAD
and thermal VIAs.
2. PCB Layout considerations
2.1 Heat transfer
For enhanced thermal performance, the exposed PAD on the
package needs to be soldered to thermal PAD on the PCB.
Furthermore, for proper heat conduction through the PCB,
thermal VIAs need to be incorporated in the PCB in the
thermal PAD region. The exposed PAD should be attached to
the ground plane for proper thermal and electrical
performance.
Figure 1 illustrates primary heat away through GND layer of
the PCB. The presence of large metal planes in the PCB can
heat away 90% of the generated heat in the ADT7310
(Reference 1)
2.2 Thermal PAD
To maximize thermal performance, the size of the thermal
PAD should at least match the exposed PAD size. The size of
the thermal PAD on the bottom PCB layer should be at least as
large as the thermal PAD on the top PCB layer. It is
recommended that the bottom thermal PAD be thermally
connected to a GND layer (Reference 2)
2.3 Thermal VIAs
In order to effectively transfer heat from the top layer of the
<Figure 1. Heat transfer>
<Figure 2. Thermal Landing and Thermal VIA>
<Figure 3. PCB land pattern – Top Layer>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com