Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9060LSR1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF9060LSR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9060LSR1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF9060LSR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9060LSR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
Freescale Semiconductor
MRF9060LSR1
RF
INPUT
Figure 1. 945 MHz Broadband Test Circuit Schematic
RF
OUTPUT
C6
C1
Z15
VDD
Z17
Z10
0.360″ x 0.270″ Microstrip
Z11
0.060″ x 0.270″ Microstrip
Z12
0.110″ x 0.060″ Microstrip
Z13
0.330″ x 0.060″ Microstrip
Z14
0.230″ x 0.060″ Microstrip
Z15
0.740″ x 0.060″ Microstrip
Z16
0.130″ x 0.060″ Microstrip
Z17
0.340″ x 0.060″ Microstrip
PCB
Taconic RF-35-0300, 30 mil, εr = 3.55
Z1
0.240″ x 0.060″ Microstrip
Z2
0.240″ x 0.060″ Microstrip
Z3
0.500″ x 0.100″ Microstrip
Z4
0.180″ x 0.270″ Microstrip
Z5
0.350″ x 0.270″ Microstrip
Z6
0.270″ x 0.520 x 0.140″ Taper
Z7
0.170″ x 0.520″ Microstrip
Z8
0.410″ x 0.520″ Microstrip
Z9
0.060″ x 0.520″ Microstrip
+
VGG
Z1
Z3
Z5
Z14
Z16
C14
B2
B1
C17
+
Z4
Z2
C7
C2
L1
C13
C16
+
C15
+
Z13
Z12
Z10
C10
C11
C12
L2
C3
C9
C4
C5
C8
Z7
Z8
DUT
Z6
Z9
Z11
Table 5. 945 MHz Broadband Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
Short Ferrite Bead
2743019447
Fair-Rite
B2
Long Ferrite Bead
2743029446
Fair-Rite
C1, C7, C13, C14
47 pF Chip Capacitors
ATC100B470JT500XT
ATC
C2, C3, C11
0.8-8.0 Gigatrim Variable Capacitors
27291SL
Johanson
C4, C5, C8, C9
10 pF Chip Capacitors
ATC100B100JT500XT
ATC
C6, C15, C16
10 mF, 35 V Tantalum Chip Capacitor
T491D106K035AT
Kemet
C10
3.0 pF Chip Capacitor
ATC100B3R0JT500XT
ATC
C12
0.5 pF Chip Capacitor (MRF9060)
0.7 pF Chip Capacitor (MRF9060S)
ATC100B0R5BT500XT
ATC100B0R7BT500XT
ATC
ATC
C17
220 mF Electrolytic Chip Capacitor
MCAX63V227M13X22
Multicomp
L1, L2
12.5 nH Inductors
A04T-5
Coilcraft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com