Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM22671 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM22671
Description  500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22671 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM22671 Datasheet HTML 9Page - National Semiconductor (TI) LM22671 Datasheet HTML 10Page - National Semiconductor (TI) LM22671 Datasheet HTML 11Page - National Semiconductor (TI) LM22671 Datasheet HTML 12Page - National Semiconductor (TI) LM22671 Datasheet HTML 13Page - National Semiconductor (TI) LM22671 Datasheet HTML 14Page - National Semiconductor (TI) LM22671 Datasheet HTML 15Page - National Semiconductor (TI) LM22671 Datasheet HTML 16Page - National Semiconductor (TI) LM22671 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Thermal Considerations
The two highest power dissipating components are the re-
circulating diode and the LM22671 regulator IC. The easiest
method to determine the power dissipation within the
LM22671 is to measure the total conversion losses (Pin –
Pout) then subtract the power losses in the Schottky diode
and output inductor. An approximation for the Schottky diode
loss is:
P = (1 - D) x I
OUT x VD
An approximation for the output inductor power is:
P = I
OUT
2 x R x 1.1,
where R is the DC resistance of the inductor and the 1.1 factor
is an approximation for the AC losses. The regulator has an
exposed thermal pad to aid power dissipation. Adding several
vias under the device to the ground plane will greatly reduce
the regulator junction temperature. Selecting a diode with an
exposed pad will aid the power dissipation of the diode. The
most significant variables that affect the power dissipated by
the LM22671 are the output current, input voltage and oper-
ating frequency. The power dissipated while operating near
the maximum output current and maximum input voltage can
be appreciable. The junction-to-ambient thermal resistance of
the LM22671 will vary with the application. The most signifi-
cant variables are the area of copper in the PC board, the
number of vias under the IC exposed pad and the amount of
forced air cooling provided. The integrity of the solder con-
nection from the IC exposed pad to the PC board is critical.
Excessive voids will greatly diminish the thermal dissipation
capacity. The junction-to-ambient thermal resistance of the
LM22671 PSOP-8 package is specified in the electrical char-
acteristics table under the applicable conditions.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com