Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT7-503C Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VT7-503C
Description  SMD VC-TCXO CMOS Highly shock and vibration resistant
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VT7-503C Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VT7-503C Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VT7-503C
SMD VC-TCXO
CMOS
2002/95/EC RoHS compliant
31 Oct. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: mobile communications, GPS, instrumentation
Output signal CMOS
Frequency range up to 32.768 MHz
Highly shock and vibration resistant
Parameter
Specification
Frequency range
10 ~ 40 MHz
Standard frequencies
10.0, 12.8, 13.0, 14.4, 16.0, 19.2, 20.0, 24.0, 25.0, 38.4 & 40.0 MHz
Frequency stability:
vs. temperature
 0.5 ~ 2.5 ppm
10.0 ~ 40.0 MHz
-40 ~ +85 °C
 0.1 ~ 0.28 ppm
10.0 ~ 26.0 MHz
-20 ~ +70 °C
vs. supply change
 0.1 ppm
5 %
vs. load change
 0.1 ppm
5 %
vs. aging
 1.0 ppm
1
st year
Frequency tolerance ex. factory
 0.5 ppm
@ +25 °C
Supply voltage
+2.8, +3.0, +3.3 & +5.0 V
Supply current
< 5 mA
Output signal
CMOS
Output level
VOH > 0.9 Vdc
VOL < 0.1 Vdc
Output load
15 pF
5 %
Frequency pulling range
5 ~ 15 ppm
Voltage control
+1.5 V
1.0 V
Phase noise @ 20 MHz carrier frequency
-140 dBc/Hz
@
10 kHz
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tape & reel
1’000 or 2’500 pieces
Customer specifications on request
Pin function
# 1
Vc Voltage control
# 2
GND
# 3
Output
# 4
Vdc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - VT7-503C

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT7-503 QUARTZCOM-VT7-503 Datasheet
104Kb / 1P
SMD VC-TCXO Clipped sine wave Highly shock and vibration resistant
VT7-503-SQ-HP QUARTZCOM-VT7-503-SQ-HP Datasheet
189Kb / 2P
High precision analogue temperature compensated small packaged SMD VC-TCXO
More results

Similar Description - VT7-503C

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-1S QUARTZCOM-MCO-1S Datasheet
119Kb / 1P
SMD Clock Oscillator HCMOS / TTL Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
SMD TCXO CMOS Highly shock and vibration resistant
VXO-3S3-6P QUARTZCOM-VXO-3S3-6P Datasheet
120Kb / 1P
Small SMD VCXO HCMOS Highly shock and vibration resistant
VXO-3S-42P QUARTZCOM-VXO-3S-42P Datasheet
110Kb / 1P
Small SMD VCXO HCMOS Highly shock and vibration resistant
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
SMD VCXO HCMOS Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
SMD VCXO HCMOS Highly shock and vibration resistant
VT7-503 QUARTZCOM-VT7-503 Datasheet
104Kb / 1P
SMD VC-TCXO Clipped sine wave Highly shock and vibration resistant
VXO-SM-4J QUARTZCOM-VXO-SM-4J Datasheet
94Kb / 1P
Plastic moulded SMD VCXO HCMOS Highly shock and vibration resistant
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
Miniature SMD Crystal Highly shock and vibration resistant
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
Vibration and shock resistant
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com