Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT2-802HVL Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VT2-802HVL
Description  SMD VC-TCXO HCMOS Output frequency up to 50 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VT2-802HVL Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VT2-802HVL Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VT2-802HV
SMD VC-TCXO
HCMOS
2002/95/EC RoHS compliant
02 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: mobile communications, instrumentation,
microwave
Output signal HCMOS
Output frequency up to 50 MHz
Wide pulling range in the range:
±20 ~ ±40 ppm
Specification
Parameter
VT2-802HVL
VT2-802HVM
VT2-802HVS
Frequency range
9.6 ~ 50 MHz
Standard frequencies
10.00, 12.8, 13.00, 19.2, 19.44, 20.00 & 26.00 MHz
Frequency stability:
vs. temperature
≤ ±1.0 ~ ±3.5 ppm
vs. supply & load change
≤ ±0.4 ppm
±5 %
vs. aging
≤ ±1.0 ppm
1
st year
Frequency tolerance ex. factory
≤ ±0.5 ppm
@ +25 °C
Supply voltage
+3.0 V
± 5 %
+3.3 V
± 5 %
+5.0 V
± 5 %
Supply current
4 ~ 15 mA
Output signal
HCMOS
Output load
15 pF
Frequency pulling range
±20 ~ ±40 ppm
Voltage control
+1.65 V
±1.35 V
+2.5 V
±2.0V
Phase noise @ 20.0 MHz carrier frequency
-140 dBc/Hz
@ 1 kHz
Operating temperature range
-30 ~ +75 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tape & reel
500 or 1’000 pieces
Customer specifications on request
Pin function
# 1
GND
# 2
GND
# 3
Output
# 4
GND
# 5
Vc Voltage control
# 6
Vcc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - VT2-802HVL

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT2-802F QUARTZCOM-VT2-802F Datasheet
122Kb / 1P
SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT2-802FL QUARTZCOM-VT2-802FL Datasheet
122Kb / 1P
SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT2-802FM QUARTZCOM-VT2-802FM Datasheet
122Kb / 1P
SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT2-802FS QUARTZCOM-VT2-802FS Datasheet
122Kb / 1P
SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT2-802V QUARTZCOM-VT2-802V Datasheet
122Kb / 1P
Wide pulling SMD VC-TCXO Clipped sine wave Frequency range up to 50 MHz
More results

Similar Description - VT2-802HVL

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX3-801H QUARTZCOM-TX3-801H Datasheet
112Kb / 1P
SMD TCXO HCMOS Output frequency up to 50 MHz
TX2-802H QUARTZCOM-TX2-802H Datasheet
116Kb / 1P
SMD TCXO HCMOS Output frequency up to 50 MHz
TXO-P9-H-6P QUARTZCOM-TXO-P9-H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-H-4P QUARTZCOM-TXO-SK-H-4P Datasheet
201Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
VT7-705-S QUARTZCOM-VT7-705-S Datasheet
111Kb / 1P
SMD VC-TCXO CMOS Frequency range up to 32 MHz
VT7-705C-S QUARTZCOM-VT7-705C-S Datasheet
100Kb / 1P
SMD VC-TCXO CMOS Frequency range up to 32 MHz
VT3-801HV QUARTZCOM-VT3-801HV Datasheet
116Kb / 1P
SMD VC-TCXO HCMOS Output frequency up to 50 MHz
VTO-P9-H-6P QUARTZCOM-VTO-P9-H-6P Datasheet
120Kb / 1P
SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
VTO-SK-H-4P QUARTZCOM-VTO-SK-H-4P Datasheet
115Kb / 1P
SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
VTO-SH-H-4P QUARTZCOM-VTO-SH-H-4P Datasheet
119Kb / 1P
SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com