Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS101 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS101
Description  Load S/W Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS101 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS101 Datasheet HTML 1Page - Sanyo Semicon Device FSS101 Datasheet HTML 2Page - Sanyo Semicon Device FSS101 Datasheet HTML 3Page - Sanyo Semicon Device FSS101 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5984-3/4
FSS101
Ambient Temperature, Ta – ˚C
Diode Forward Voltage, VSD –V
I F - VSD
VGS=0
2
3
5
7
2
3
5
7
2
3
5
7
-0.01
-0.1
-1.0
-10
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.4
-1.2
R DS(on) - Ta
ID=
-5A,VGS
=-4V
ID=
-2A,V
GS
=-2.5V
-60
20
0
40
60
80
100
120
140
-40
-20
0
20
40
60
80
100
120
140
160
Drain Current, ID –A
SW Time - I D
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
P D - Ta
td(off)
tf
tr
td(on)
VDD=–10V
VGS=–4V
Mounted
on
a ceramic
board
(1200mm
2×
0.8mm)
Drain-to-Source Voltage, VDS –V
Ciss,Coss,Crss - VDS
Total Gate Charge, Qg – nC
VGS - Qg
f = 1MHz
Ciss
Coss
Crss
VDS=–10V
ID=–5A
100
2
3
5
7
10000
2
3
5
7
1000
-1
-2
-3
-4
-5
-10
-9
-8
-7
-6
0
0
10
2
3
5
7
100
2
3
5
7
1000
0
0
0.8
1.2
0.4
1.6
2.0
2.4
1.8
-4
-2
-6
-8
-10
-12
-14
-16
-18
-20
5
10
15
20
30
25
0
23
5
77
2
2
35
7 -10
-1.0
-0.1
80
100
120
140
160
60
40
20
A S O
IDP=- 32A
ID=- 5A
Operation in this area
is limited by RDS(on).
100
µs
1ms
10ms
100ms
DC
operation
5
7
-0.1
-0.01
-0.1
2
3
2
3
5
7
2
3
5
7
2
3
5
7
-1.0
-10
23
5
7
23
5
7
2
3
-1.0
-10
Ta=25
°C
1 Pulse
Mounted on a ceramic board (1200mm2
×0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com