Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS104 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS104
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS104 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS104 Datasheet HTML 1Page - Sanyo Semicon Device FSS104 Datasheet HTML 2Page - Sanyo Semicon Device FSS104 Datasheet HTML 3Page - Sanyo Semicon Device FSS104 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.5991-2/4
FSS104
Drain-to-Source Voltage, VDS –V
I D - VDS
Gate-to-Source Voltage, VGS –V
ID - VGS
Drain Current, ID – A
Gate-to-Source Voltage, VGS –V
RDS(on) - VGS
ID=–6A
ID=–3A
Ta=25
°C
VDS=–10V
VDS=–10V
Ta=–25
°C
75
°C
25°
C
–8.0V –6.0V
–3.0V
–3.5V
VGS=–2.5V
-0.01
2
3
5
7
0.1
1.0
2
3
5
7
10
2
3
23
5 7 -0.1
23
5 7 -1.0
23
23
57 -10
0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
0
-0.5
-1.0
-1.5
-2.0
-4.0
-2.5
-3.0
-3.5
-2
0
-4
-6
-8
-10
-12
-14
-16
-18
-20
-7
-6
-5
-1
0
-3
-2
-4
0
-2
-4
-6
-8
-10
-12
20
10
0
40
30
60
50
80
90
70
100
| yfs | - ID
Switching Time Test Circuit
Continued from preceding page.
50
Ω
P.G
S
G
D
VOUT
FSS104
VDD=–15V
VIN
ID=–6A
RL=2.5Ω
PW=10
µs
D.C.
≤1%
VIN
0V
–10V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S7
1s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
7
1s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
3
1s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
3
1s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
6
–
=0
4C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
6
–
=5
C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
6
–
=0
1C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
6
–
=
S
G
0
=1
8
.
0
–5
.
1
–V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com