Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS134 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS134
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS134 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS134 Datasheet HTML 1Page - Sanyo Semicon Device FSS134 Datasheet HTML 2Page - Sanyo Semicon Device FSS134 Datasheet HTML 3Page - Sanyo Semicon Device FSS134 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6399-3/4
FSS134
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
PD -- Ta
2
3
5
7
23
5
7
23
5
7
2
3
td(on)
td(off)
tr
tf
1000
2
3
5
7
100
10
--0.1
--1.0
--10
SW Time -- ID
VDD=--15V
VGS=--10V
IT00411
IT00413
2
3
5
7
2
3
5
7
23
5 7
100ms
100
µs
<10
µs
10ms
1ms
--100
--10
2
3
5
7
--1.0
2
3
5
7
--0.1
--0.01
--0.01
--0.1 23
5 7 --1.0 23 5 7
23
5 7
--10
--100
A S O
ID=--9A
Operation in this
area is limited by RDS(on).
DC
operation
IT00412
10000
1000
7
5
3
2
7
5
3
2
100
0
--5
--10
--15
--20
--25
--30
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT00409
VGS=0
--100
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
--10
--1.0
--0.1
--0.01
--0.001
0
--0.2
--0.4
--0.6
--1.2
--1.0
--0.8
IF -- VSD
IT00408
--10
--9
--8
--7
--6
--5
--4
--3
--2
--1
0
20
25
30
35
40
510
15
45
VGS -- Qg
VDS=--10V
ID=--9A
0
IT00410
100
10
1.0
0.1
--0.1
--1.0
2
2
3
5
7
2
3
5
7
2
3
5
7
35
7
--10
23
5
7
2
3
yfs -- ID
VDS=--10V
75°
C
25°
C
Ta=-
-25
°C
IT00407
IDP=--52A
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Mounted
on
a
ceramic
board
(1000mm
2×
0.8mm)
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm2
×0.8mm)
Drain Current, ID –A
Diode Forward Voltage, VSD –V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com