Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKEL14D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCKEL14D
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCKEL14D Datasheet HTML 1Page - NXP Semiconductors PCKEL14D Datasheet HTML 2Page - NXP Semiconductors PCKEL14D Datasheet HTML 3Page - NXP Semiconductors PCKEL14D Datasheet HTML 4Page - NXP Semiconductors PCKEL14D Datasheet HTML 5Page - NXP Semiconductors PCKEL14D Datasheet HTML 6Page - NXP Semiconductors PCKEL14D Datasheet HTML 7Page - NXP Semiconductors PCKEL14D Datasheet HTML 8Page - NXP Semiconductors PCKEL14D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Product data
Rev. 01 — 14 October 2002
2 of 15
9397 750 09564
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
3.
Pinning information
3.1 Pinning
3.2 Pin description
3.2.1
Power supply connection
Fig 1.
SO20 pin configuration.
Fig 2.
TSSOP pin configuration.
002aaa217
1
2
3
4
5
6
7
8
9
10
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
20
19
18
17
16
15
14
13
12
11
VCC
EN
VCC
NC
SCLK
CLK
CLK
VBB
SEL
VEE
002aaa353
1
2
3
4
5
6
7
8
9
10
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
VCC
EN
VCC
NC
SCLK
CLK
CLK
VBB
SEL
VEE
20
19
18
17
16
15
14
13
12
11
Table 1:
Pin description
Symbol
Pin
Description
Q0-Q4
1, 3, 5, 7, 9
ECL differential clock outputs, non-inverted
Q0-Q4
2, 4, 6, 8, 10
ECL differential clock outputs, inverted
VEE
11
negative supply voltage
SEL
12
ECL clock select input
VBB
13
reference voltage output
CLK
14
ECL differential clock input, inverted
CLK
15
ECL differential clock input, non-inverted
SCLK
16
ECL scan clock input
NC
17
no connect
EN
19
ECL synchronous enable, Active-LOW
VCC
18, 20
positive supply voltage
CAUTION
All VCC and VEE pins must be connected to an appropriate power
supply to guarantee proper operation.
MSC895



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com