Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS138 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS138
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS138 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS138 Datasheet HTML 1Page - Sanyo Semicon Device FSS138 Datasheet HTML 2Page - Sanyo Semicon Device FSS138 Datasheet HTML 3Page - Sanyo Semicon Device FSS138 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.6400-2/4
FSS138
Switching Time Test Circuit
Continued from preceding page.
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
Ω
G
S
FSS138
ID=--11A
RL=1.36Ω
VDD=--15V
VOUT
VIN
D
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
–
=0
0
7
3F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
–
=0
4
8F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
–
=0
4
4F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S4
2s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
6
2s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
4
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
6
1s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
1
1
–
=5
7C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
1
1
–
=0
1C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
1
1
–
=2
1C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
1
1
–
=
S
G
0
=9
7
.
0
–
5
.
1
–
V
40
30
20
10
35
25
15
5
0
--60
--40
--20
0
20
40
60
80
100
120
140
160
RDS(on) -- Ta
VGS
=--4.0V
, ID=-
-4A
VGS=-
-10.0V, ID
=--11A
VGS
=--4.5V
, ID=-
-4A
50
40
30
20
10
0
0
--10
--2
--8
--14
--4
--12
--6
--16
--18
--20
RDS(on) -- VGS
--11A
--18
--12
--16
--14
--10
--8
--4
--6
--2
0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
ID -- VGS
VDS=--10V
--10
--6
--7
--8
--9
--5
--4
--3
--2
--1
0
0
--0.2
--0.1
--0.4
--0.3
--0.5
ID -- VDS
--2.5V
VGS=--2.0V
IT00414
IT00416
IT00415
IT00417
Ta=25
°C
ID=--4A
Drain-to-Source Voltage, VDS – V
Gate-to-Source Voltage, VGS – V
Gate-to-Source Voltage, VGS – V
Ambient Temperature, Ta –˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com