Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS139 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS139
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS139 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS139 Datasheet HTML 1Page - Sanyo Semicon Device FSS139 Datasheet HTML 2Page - Sanyo Semicon Device FSS139 Datasheet HTML 3Page - Sanyo Semicon Device FSS139 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS139
No.7019-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
RDS(on) 1
ID=--4A, VGS=--4V
60
78
m
Ω
Static Drain-to-Source On-State Resistance
RDS(on) 2
ID=--2A, VGS=--2.5V
78
110
m
Ω
Input Capacitance
Ciss
VDS=--10V, f=1MHz
1000
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
190
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
120
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
13
ns
Rise Time
tr
See specified Test Circuit
200
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
52
ns
Fall Time
tf
See specified Test Circuit
78
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--4A
23
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--4A
1.6
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--4A
2.3
nC
Diode Forward Voltage
VSD
IS=--4A, VGS=0
--0.89
--1.5
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--4V
VIN
P.G
50
Ω
G
S
ID= --4A
RL=2.5Ω
VDD= --10V
VOUT
FSS139
VIN
D
RDS(on) -- Ta
160
140
100
120
80
60
40
20
160
120
140
100
60
80
40
20
0
--40
--20
--60
0
RDS(on) -- VGS
0
0
ID -- VGS
--6
--5
--4
--3
--2
--1
--0.4
--1.4
--1.2
--2.0
--1.8
ID -- VDS
--6
--4
--5
--3
--2
--1
--0.2
--0.1
--0.3
--0.4
--0.6
--0.5
--0.8
--0.9
--1.0
IT02298
IT02299
IT02300
IT02301
0
0
--0.7
--0.2
--0.6
--1.6
--1.0
--0.8
Ta=25
°C
VGS= --1.5V
ID=
--2A,
VGS
= --2.5V
ID=
--4A,
VGS
= --4.0V
VDS=10V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
Gate-to-Source Voltage, VGS -- V
160
100
140
120
40
60
0
20
--2
--4
0
--6
--10
--8
80
ID= --2A --4A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com