Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C642/C643 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C642/C643
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C642/C643 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C642/C643 Datasheet HTML 4Page - Kemet Corporation C642/C643 Datasheet HTML 5Page - Kemet Corporation C642/C643 Datasheet HTML 6Page - Kemet Corporation C642/C643 Datasheet HTML 7Page - Kemet Corporation C642/C643 Datasheet HTML 8Page - Kemet Corporation C642/C643 Datasheet HTML 9Page - Kemet Corporation C642/C643 Datasheet HTML 10Page - Kemet Corporation C642/C643 Datasheet HTML 11Page - Kemet Corporation C642/C643 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
11
CAPACITOR OUTLINE DRAWING
MAXIMUM DIMENSIONS — INCHES (MILLIMETERS)
ORDERING INFORMATION
MARKING INFORMATION
CAPACITOR OUTLINE DRAWING
K5R
104K
AB
0814
Manufacturer
(KEMET)
Rated Voltage
Dielectric
Capacitance
Tolerance
Capacitance
Code
Lot
Code
Date
Code
CERAMIC CONFORMALLY COATED/AXIAL
“AXIMAX”
Style
L
Max
D
Max
LD (Nominal)
+.001,-.003
(+.025,-.076)
LL
Min
C410
.170 (4.32)
.100 (2.54)
.020 (.51)
1.0 (25.4)
C412
.170 (4.32)
.120 (3.05)
.020 (.51)
1.0 (25.4)
C420
.260 (6.60)
.100 (2.54)
.020 (.51)
1.0 (25.4)
C430
.290 (7.37)
.150 (3.81)
.020 (.51)
1.0 (25.4)
C440
.400 (10.16)
.150 (3.81)
.020 (.51)
1.0 (25.4)
C 410 C 104 K 5 R 5 T A
CERAMIC
CASE SIZE
See TableAbove
SPECIFICATION
C – Standard
CAPACITANCE PICOFARAD CODE
Expressed in picofarads (pF). First two
digits represent significant figures. Third
digit specifies number of zeros. Use 9 for
1.0 through 9.9pF. Example 2.2pF = 229
CAPACITANCE TOLERANCE
C – ±0.25pF; D – ±0.5pF; F – ±1.0%;
G – ±2.0%; J – ±5%; K – ±10%; M – ±20%;
Z – -20% +80%
RATED VOLTAGE (DC)
A– 250V; 2 – 200V; 1 – 100V; 5 – 50V; 3 – 25V
FAILURE RATE
A– NotApplicable
LEAD MATERIAL
T – 100% Tin (Sn)
H – 60/40% Tin/Lead (SnPb)
INTERNAL CONSTRUCTION
5 – Multilayer
DIELECTRIC
EIADesignation
G – C0G (NP0) - Ultra Stable
R – X7R - Stable
U – Z5U - General Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com