Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C430 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C430
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C430 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C430 Datasheet HTML 4Page - Kemet Corporation C430 Datasheet HTML 5Page - Kemet Corporation C430 Datasheet HTML 6Page - Kemet Corporation C430 Datasheet HTML 7Page - Kemet Corporation C430 Datasheet HTML 8Page - Kemet Corporation C430 Datasheet HTML 9Page - Kemet Corporation C430 Datasheet HTML 10Page - Kemet Corporation C430 Datasheet HTML 11Page - Kemet Corporation C430 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
22
CERAMIC CONFORMALLY COATED/RADIAL
HIGH VOLTAGE “GOLD MAX”
DIMENSIONS - INCHES (MILLIMETERS)
For packaging information, see pages 47, and 48.
MARKING INFORMATION
K6D
102K
K6DR
103K
K6G
102K
1000V
0814
KEMET
Series
Capacitance,
Tolerance
Voltage
Capacitance,
Tolerance
Dielectric
Voltage
Series
KEMET
Capacitance,
Tolerance
Voltage
Series
KEMET
Rated
Voltage
Date
Code
C617 & C62X
C63X
C64X, C65X, C66X
Front View
Back View
CAPACITOR OUTLINE DRAWING
C617
.250 (6.35)
.220 (5.59)
.200 (5.08)
.170 (4.32)
.025 (0.64)
.276 (7.00)
C622/3
.320 (8.13)
.280 (7.11)
.250 (6.35)
.220 (5.59)
.025 (0.64)
.276 (7.00)
C627/8
.370 (9.40)
.300 (7.62)
.250 (6.35)
.275 (6.98)
.025 (0.64)
.276 (7.00)
C630/1
.450 (11.40)
.220 (5.59)
.200 (5.08)
.300 (7.62)
.025 (0.64)
.276 (7.00)
C637/8
.470 (11.90)
.400 (10.20)
.270 (6.89)
.375 (9.52)
.025 (0.64)
.276 (7.00)
C640/1
.550 (14.00)
.280 (7.11)
.250 (6.35)
.400 (10.16)
.025 (0.64)
.276 (7.00)
C642/3
.500 (12.70)
.560 (14.22)
.200 (5.08)
.400 (10.16)
.025 (0.64)
.276 (7.00)
C647/8
.570 (14.50)
.500 (12.70)
.270 (6.89)
.475 (12.06)
.025 (0.64)
.276 (7.00)
C657/8
.670 (17.02)
.600 (15.24)
.270 (6.89)
.575 (14.60)
.025 (0.64)
.276 (7.00)
C667/8
.770 (19.56)
.720 (18.29)
.270 (6.89)
.675 (17.14)
.025 (0.64)
.276 (7.00)
LL
Minimum
S (Nominal)
Lead Spacing
±.030 (.762)
LD (Nominal)
+.004 (.10)
-.001 (.025)
Case
Size
L MAX
H MAX
T MAX
ORDERING INFORMATION
C 622 C 102 M D R 5 T A
CERAMIC
CASE SIZE
See TableAbove
SPECIFICATION
C – Standard
CAPACITANCE PICOFARAD CODE
Expressed in picofarads (pF). First two
digits represent significant figures. Third
digit specifies number of zeros. Use 9 for
1.0 thru 9.9 pF. Example 2.2pF = 229
CAPACITANCE TOLERANCE
C0G: C – ±0.25pF; D – 0.50pF; J – ±5%;
K – ±10%; M – ±20%
X7R: K – ±10%; M – ±20%; P – 0, -100%;
Z – -20,+80%
RATED VOLTAGE (DC)
C – 500
G – 2000
D – 1000 Z – 2500
F – 1500
H – 3000
FAILURE RATE
A– NotApplicable
LEAD MATERIAL
T – 100% Tin (Sn) - RoHS)
H – 60/40 Tin (Sn)/Lead (Pb)
INTERNAL CONSTRUCTION
5 – Multilayer
DIELECTRIC
EIADesignation
G – C0G (NP0) - Ultra Stable
R – X7R - Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com