Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8352 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8352 Datasheet HTML 9Page - Analog Devices AD8352 Datasheet HTML 10Page - Analog Devices AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices AD8352 Datasheet HTML 15Page - Analog Devices AD8352 Datasheet HTML 16Page - Analog Devices AD8352 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8352
Rev. B | Page 13 of 20
This broadband optimization was also performed at 180 MHz.
As with differential input drive, the resulting distortion levels
at lower frequencies are based on the CD and RD specified in
Table 7 and Table 8. As with differential input drive, relative
third-order reduction improvement at frequencies below
140 MHz is realized with proper selection of CD and RD.
–60
–110
FREQUENCY (MHz)
10
70
140
190
240
–70
–80
–90
–100
2V p-p OUT
1V p-p OUT
Figure 29. Single-Ended, Third-Order Harmonic Distortion (HD3) vs.
Frequency, 200 Ω Load
–60
–110
FREQUENCY (MHz)
10
70
140
190
240
–70
–80
–90
–100
1V p-p OUT
2V p-p OUT
Figure 30. Single-Ended, Second-Order Harmonic Distortion (HD2) vs.
Frequency, 1 kΩ Load
–60
–110
FREQUENCY (MHz)
10
70
140
190
240
–70
–80
–90
–100
1V p-p OUT
2V p-p OUT
Figure 31. Single-Ended, Third-Order Harmonic Distortion (HD3) vs.
Frequency, 1 kΩ Load
Table 7. Distortion Cancellation Selection Components
(RD and CD) for Required Gain, 200 Ω Load
AV (dB)
RG (Ω)
CD (pF)
RD (kΩ)
3
4.3 k
Open
4.3
6
540
Open
4.3
9
220
0.1
4.3
12
120
0.3
4.3
15
68
0.6
4.3
18
43
0.9
4.3
Table 8. Distortion Cancellation Selection Components
(RD and CD) for Required Gain, 1 kΩ Load
AV (dB)
RG (Ω)
CD (pF)
RD (kΩ)
6
3 k
Open
4.3
9
470
Open
4.3
12
210
0.2
4.3
15
120
0.3
4.3
18
68
0.5
4.3
NARROW-BAND, THIRD-ORDER
INTERMODULATION CANCELLATION
Broadband single tone, third-order harmonic optimization does
not necessarily result in optimum (minimum) two tone, third-
order intermodulation levels. The specified values for CD and
RD in Table 5 and Table 6 were determined for minimizing
broadband, single tone third-order levels.
Due to phase-related distortion coefficients, optimizing single
tone third-order distortion does not result in optimum in-band
(2f1 − f2 and 2f2 − f1), third-order distortion levels. By proper
selection of CD (using a fixed 4.3 kΩ RD), IP3s of better than
45 dBm are achieved. This results in degraded out-of-band,
third-order frequencies (f2 + 2f1, f1 + 2f2, 3f1 and 3f2). Thus, careful
frequency planning is required to determine the trade-offs.
Figure 32 shows narrow-band (2 MHz spacing) OIP3 levels
optimized at 32 MHz, 70 MHz, 100 MHz, and 180 MHz using
the CD values specified in Figure 33. These four data points (the
CD value and associated OIP3 levels) are extrapolated to provide
close estimates of OIP3 levels for any specific frequency between
30 MHz and 180 MHz. For frequencies below ~140 MHz, narrow-
band tuning of OIP3 results in relatively higher OIP3s (vs. the
broadband results shown in Table 2 of the specifications). Though
not shown, frequencies below 30 MHz also result in improved
OIP3s when using proper values for CD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com