Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8376 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8376
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8376 Datasheet HTML 9Page - Analog Devices AD8376 Datasheet HTML 10Page - Analog Devices AD8376 Datasheet HTML 11Page - Analog Devices AD8376 Datasheet HTML 12Page - Analog Devices AD8376 Datasheet HTML 13Page - Analog Devices AD8376 Datasheet HTML 14Page - Analog Devices AD8376 Datasheet HTML 15Page - Analog Devices AD8376 Datasheet HTML 16Page - Analog Devices AD8376 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8376
Rev. A | Page 13 of 24
APPLICATIONS
BASIC CONNECTIONS
Figure 36 shows the basic connections for operating the
AD8376. A voltage between 4.5 V and 5.5 V should be applied
to the supply pins. Each supply pin should be decoupled with at
least one low inductance, surface-mount ceramic capacitor of
0.1 μF placed as close as possible to the device.
The outputs of the AD8376 are open collectors that need to be
pulled up to the positive supply with 1 μH RF chokes. The differ-
ential outputs are biased to the positive supply and require ac-
coupling capacitors, preferably 0.1 μF. Similarly, the input pins
are at bias voltages of about 2 V above ground and should be ac-
coupled as well. The ac-coupling capacitors and the RF chokes are
the principle limitations for operation at low frequencies.
To enable each channel of the AD8376, the ENBA or ENBB pin
must be pulled high. Taking ENBA or ENBB low puts the
channels of the AD8376 in sleep mode, reducing current
consumption to approximately 5 mA per channel at ambient.
SINGLE-ENDED-TO-DIFFERENTIAL CONVERSION
The AD8376 can be configured as a single-ended input to
differential output driver, as shown in Figure 34. A 150 Ω
resistor in parallel with the input impedance of input pin
provides an impedance matching of 50 Ω. The voltage gain and
the bandwidth of this configuration, using a 150 Ω load,
remains the same as when using a differential input.
Using a single-ended input decreases the power gain by 3 dB
and limits distortion cancellation. Consequently, the second-
order distortion is degraded. The third-order distortion remains
low to 200 MHz, as shown in Figure 35.
5
0.1µF
0.1µF
0.1µF
0.1µF
37.5Ω
150Ω
1/2
AD8376
1µH
150Ω
A0 TO A4
1µH
+5V
VCM
0.1µF
50Ω
AC
Figure 34. Single-Ended-to-Differential Conversion
Featuring ½ of the AD8376
–60
–65
–70
–75
–80
–85
–90
–95
–100
02
150
100
50
FREQUENCY (MHz)
00
HD2
HD3
Figure 35. Harmonic Distortion vs. Frequency of
Single-Ended-to-Differential Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com