Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6902A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEF6902A
Description  Integrated car radio
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEF6902A Datasheet(HTML) 2 Page - NXP Semiconductors

  TEF6902A Datasheet HTML 1Page - NXP Semiconductors TEF6902A Datasheet HTML 2Page - NXP Semiconductors TEF6902A Datasheet HTML 3Page - NXP Semiconductors TEF6902A Datasheet HTML 4Page - NXP Semiconductors TEF6902A Datasheet HTML 5Page - NXP Semiconductors TEF6902A Datasheet HTML 6Page - NXP Semiconductors TEF6902A Datasheet HTML 7Page - NXP Semiconductors TEF6902A Datasheet HTML 8Page - NXP Semiconductors TEF6902A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
TEF6902A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 19 March 2008
2 of 106
NXP Semiconductors
TEF6902A
Integrated car radio
I Integrated audio processing and tone filtering
I Treble, bass and loudness tone control
I Volume, balance, fader and input gain control
I Audio controls with Audio Step Interpolation (ASI) for pop-free function
I Compact Disc (CD) dynamics compression
I Volume Unit (VU)-meter audio level read-out
3.
Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage
VCC
analog supply voltage on pins VCC,
VCCPLL, VCCVCO, VCCRF,
AMMIX2OUT1, AMMIX2OUT2,
MIX1OUT1 and MIX1OUT2
8
8.5
9
V
Supply current in FM mode
ICC
total supply current inclusive IV60
-
102
-
mA
Supply current in AM mode
ICC
total supply current inclusive IV60
-89
-
mA
AM overall system parameters
ftune
AM tuning frequency
LW
144
-
288
kHz
MW
522
-
1710
kHz
SW
2.3
-
26.1
MHz
Vsens
sensitivity voltage
fRF = 990 kHz; m = 0.3;
fmod = 1 kHz; BAF = 2.15 kHz;
(S+N)/N = 26 dB; dummy aerial
15 pF/60 pF
-50
-
µV
S/N
ultimate signal-to-noise ratio
54
58
-
dB
THD
total harmonic distortion
200
µV < V
RF < 1 V; m = 0.8;
fAF = 400 Hz
-
0.4
1
%
IP3
3rd-order intercept point
∆f = 40 kHz
-
130
-
dB
µV
FM overall system parameters
ftune
FM tuning frequency
65
-
108
MHz
Vsens
sensitivity voltage (RF input voltage
at (S+N)/N = 26 dB)
∆f = 22.5 kHz; fmod = 1 kHz;
DEMP = 1; B = 300 Hz to 22 kHz;
measured with 75
Ω dummy
antenna and test circuit
-2
-
µV
(S+N)/N
maximum signal plus noise-to-noise
ratio of MPXAM output voltage
Vi = 3 mV; ∆f = 22.5 kHz;
fmod = 1 kHz; DEMP = 1;
B = 300 Hz to 22 kHz; measured
with 75
Ω dummy antenna and test
circuit
-60
-
dB
THD
total harmonic distortion
∆f = 75 kHz
-
0.5
1
%
IP3
3rd-order intercept point
∆f = 400 kHz
-
120
-
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com