Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912F634 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MM912F634
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MM912F634 Datasheet HTML 17Page - Freescale Semiconductor, Inc MM912F634 Datasheet HTML 18Page - Freescale Semiconductor, Inc MM912F634 Datasheet HTML 19Page - Freescale Semiconductor, Inc MM912F634 Datasheet HTML 20Page - Freescale Semiconductor, Inc MM912F634 Datasheet HTML 21Page - Freescale Semiconductor, Inc MM912F634 Datasheet HTML 22Page - Freescale Semiconductor, Inc MM912F634 Datasheet HTML 23Page - Freescale Semiconductor, Inc MM912F634 Datasheet HTML 24Page - Freescale Semiconductor, Inc MM912F634 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 335 page
background image
Electrical Characteristics
Dynamic Electrical Characteristics
MM912F634
Freescale Semiconductor
21
3.6
Dynamic Electrical Characteristics
Dynamic electrical characteristics noted under conditions 5.5V
≤ VSUP ≤ 18 V, -40 °C ≤ TA ≤ 105 °C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25 °C under nominal conditions unless otherwise noted.
3.6.1
Dynamic Electrical Characteristics Analog Die
Table 26. Dynamic Electrical Characteristics - Modes of Operation
Ratings
Symbol
Min
Typ
Max
Unit
VDD Short Timeout
tVTO
110
150
205
ms
Analog Base Clock
fBASE
-
100
-
kHz
Reset Delay
tRST
140
200
280
µs
Table 27. Dynamic Electrical Characteristics - Power Supply
Ratings
Symbol
Min
Typ
Max
Unit
Glitch Filter Low Battery Warning (LBI)(22)
tLB
-2.0
-
µs
Glitch Filter Low Voltage Warning (LVI)(22)
tLV
-2.0
-
µs
Glitch Filter High Voltage Warning (HVI)(22)
tHV
-2.0
-
µs
Note:
22. Guaranteed by design.
Table 28. Dynamic Electrical Characteristics - Die to Die Interface - D2D
Ratings
Symbol
Min
Typ
Max
Unit
Operating Frequency (D2DCLK, D2D[0:3])
fD2D
fADC(MIN)
-fBUSMAX(23)
MHz
Note:
23. fBUSMAX frequency ratings differ by device and is specified in Table 1
Table 29. Dynamic Electrical Characteristics - Resets
Ratings
Symbol
Min
Typ
Max
Unit
Reset Deglitch Filter Time
tRSTDF
1.2
2.0
3.0
µs
Reset Low Level Duration
tRSTLOW
140
200
280
µs
Table 30. Dynamic Electrical Characteristics - Wake-up / Cyclic Sense
Ratings
Symbol
Min
Typ
Max
Unit
Lx Wake-up Filter Time
tWUF
-20
μs
Cyclic Sense / Forced Wake-up Timing Accuracy - not trimmed
CSAC
-35
-
35
%
Cyclic Sense / Forced Wake-up Timing Accuracy - trimmed(24)
CSACT
-5.0
-
5.0
%
Time between HSx on and Lx sense during cyclic sense
tS
same as tHSON / tHSONT
-
HSx ON duration during Cyclic Sense
tHSON
140
200
280
μs
HSx ON duration during Cyclic Sense - trimmed(24)
tHSONT
180
200
220
μs
Note:
24. Trimming parameters are not available in Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com