Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378E Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8378E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8378E_10 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8378E_10 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8378E_10 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8378E_10 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8378E_10 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8378E_10 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8378E_10 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8378E_10 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8378E_10 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 127 page
background image
MPC8378E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4
56
Freescale Semiconductor
Enhanced Secure Digital Host Controller (eSDHC)
11.3.1
High-Speed Output Path (Write)
Figure 34 provides the data and command output timing diagram.
Figure 34. High Speed Output Path
11.3.1.1
High-Speed Write Meeting Setup (Maximum Delay)
The following equations show how to calculate the allowed skew range between the SD_CLK and
SD_DAT/CMD signals on the PCB.
Zero clock delay:
tSHSKHOV + tDATA_DELAY + tISU < tSHSCKL
Eqn. 10
With clock delay:
tSHSKHOV + tDATA_DELAY + tISU < tSHSCKL + tCLK_DELAY
Eqn. 11
tDATA_DELAY – tCLK_DELAY < tSHSCKL – tISU – tSHSKHOV
Eqn. 12
This means that data delay should be equal or less than the clock delay in the ideal case where
tSHSCLKL =10ns:
tDATA_DELAY – tCLK_DELAY < 10 – 6 – 4
tDATA_DELAY – tCLK_DELAY < 0
Output Valid Time: tSHSKHOV
Output Hold Time: tSHSKHOX
tIH (2 ns)
tCLK_DELAY
Input at the
SD CLK at
Driving
Edge
Sampling
Edge
the Card Pin
SD Card Pins
tISU (6 ns)
tDATA_DELAY
tSHSCKL
tSHSCK (Clock Cycle)
SD CLK at the
MPC8378E Pin
Output from the
MPC8378E Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com