Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications Addendum
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC7410 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 6Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnNE Series, Rev. 2
2
Freescale Semiconductor
Features
The MPC7410TxxnnnNE feature set is identical to that of the MPC7410, with the following exceptions:
Bus interface
— Selectable interface voltages of 1.8 V, 2.5 V (3.3 V is not supported)
DC Electrical Characteristics
The MPC7410TxxnnnNE DC electrical characteristics are identical to that of the MPC7410, with the
exceptions shown in Table B, Table C, and Table D.
Table A. Part-Number-Specific Changes
Freescale Part
Number
Operating Conditions
Significant Differences from Hardware
Specification
CPU
Frequency
Vdd
TJ (°C)
OVdd
MPC7410TRX400NE
400 MHz
1.5V±50mV
-40 to 105
1.8/2.5 V
Extended temperature range. Reduced core
voltage to achieve lower power consumption.
Removes 3.3 V OVdd support. For all AC/DC
specifications not mentioned in this document,
see the MPC7410RX400LE specifications in the
general
MPC7410 Hardware Specifications.
450 MHz
1.8V±100mV -40 to 105 1.8/2.5/3.3 V Extended temperature range. The
MPC7410TRX400NE also fully conforms to the
MPC7410TRX450LE specification. See the
general
MPC7410 Hardware Specifications.
MPC7410TRX450NE
450 MHz
1.5V±50mV
-40 to 105
1.8/2.5 V
Extended temperature range. Reduced core
voltage to achieve lower power consumption.
Removes 3.3V OVdd support. For all AC/DC
specifications not mentioned in this document,
please refer to the MPC7410RX450LE
specifications in the general
MPC7410
Hardware Specifications.
500 MHz
1.8V±100mV -40 to 105 1.8/2.5/3.3 V Extended temperature range. The
MPC7410TRX450NE also fully conforms to the
MPC7410TRX500LE specification. See the
general
MPC7410 Hardware Specifications.
MPC7410THX450NE
450 MHz
1.5V±50mV
-40 to 105
1.8/2.5 V
Extended temperature range. Reduced core
voltage to achieve lower power consumption.
Removes 3.3V OVdd support. For all AC/DC
specifications not mentioned in this document,
see to the MPC7410HX450LE specifications in
the general
MPC7410 Hardware Specifications.
500 MHz
1.8V±100mV -40 to 105 1.8/2.5/3.3 V Extended temperature range. The
MPC7410THX450NE also fully conforms to the
MPC7410THX500LE specification. See the
general
MPC7410 Hardware Specifications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com