Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TIP120
Description  Complementary power Darlington transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP120 Datasheet(HTML) 4 Page - STMicroelectronics

  TIP120_08 Datasheet HTML 1Page - STMicroelectronics TIP120_08 Datasheet HTML 2Page - STMicroelectronics TIP120_08 Datasheet HTML 3Page - STMicroelectronics TIP120_08 Datasheet HTML 4Page - STMicroelectronics TIP120_08 Datasheet HTML 5Page - STMicroelectronics TIP120_08 Datasheet HTML 6Page - STMicroelectronics TIP120_08 Datasheet HTML 7Page - STMicroelectronics TIP120_08 Datasheet HTML 8Page - STMicroelectronics TIP120_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
TIP120, TIP121, TIP122, TIP125, TIP126, TIP127
4/13
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics(1)
1.
For PNP types voltage and current values are negative.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off current
(IB = 0)
for TIP120/125
VCE = 30 V
for TIP121/126
VCE = 40 V
for TIP122/127
VCE = 50 V
0.5
0.5
0.5
mA
mA
mA
ICBO
Collector cut-off current
(IB = 0)
for TIP120/125
VCE = 60 V
for TIP121/126
VCE = 80 V
for TIP122/127
VCE = 100 V
0.2
0.2
0.2
mA
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
2
mA
VCEO(sus)
(2)
2.
Pulsed duration = 300 µs, duty cycle
≤2%
Collector-emitter
sustaining voltage
(IB = 0)
IC = 30 mA
for TIP120/125
for TIP121/126
for TIP122/127
60
80
100
V
V
V
VCE(sat)
(2)
Collector-emitter
saturation voltage
IC = 3 A
IB = 12 mA
IC = 5 A
IB = 20 mA
2
4
V
V
VBE(on)
(2)
Base-emitter on voltage
IC = 3 A
VCE = 3 V
2.5
V
hFE
(2)
DC current gain
IC = 0.5 A
VCE = 3 V
IC = 3 A
VCE = 3 V
1000
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com