Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151SVT1000B Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MSC8151SVT1000B
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151SVT1000B Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MSC8151SVT1000B Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Electrical Characteristics
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
49
Table 35 presents the RGMII AC timing specification for applications required non-delayed clock on board.
Figure 25 shows the RGMII AC timing and multiplexing diagrams.
2.6.6
SPI Timing
Table 36 lists the SPI input and output AC timing specifications.
Table 35. RGMII at 1 GHz2 with No On-Board Delay3 AC Timing Specifications
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)4
tSKEWT
–2,6
—
–1.0
ns
Data to clock input skew (at receiver)4
tSKEWR
–0.5
—
0.5
ns
Notes:
1.
At recommended operating conditions with VDDIO of 2.5 V ± 5%.
2.
RGMII at 100 MHz support is guaranteed by design.
3.
GCR4 should be programmed as 0x000CC330.
4.
This implies that PC board design requires clocks to be routed with no additional trace delay
Figure 25. RGMII AC Timing and Multiplexing
Table 36. SPI AC Timing Specifications
Parameter
Symbol 1
Min
Max
Unit
Note
SPI outputs valid—Master mode (internal clock) delay
tNIKHOV
—6
ns
2
SPI outputs hold—Master mode (internal clock) delay
tNIKHOX
0.5
—
ns
2
SPI outputs valid—Slave mode (external clock) delay
tNEKHOV
—12
ns
2
SPI outputs hold—Slave mode (external clock) delay
tNEKHOX
2—
ns
2
SPI inputs—Master mode (internal clock) input setup time
tNIIVKH
12
—
ns
—
GTX_CLK
tSKEWT
TX_CTL
txd[7:4]
txd[3:0]
(At Transmitter)
TXD[3:0]
RX_CTL
rxd[8:5]
rxd[3:0]
RXD[3:0]
RX_CLK
(At Receiver)
tSKEWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com