Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4263G
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4263G Datasheet HTML 9Page - Infineon Technologies AG TLE4263G Datasheet HTML 10Page - Infineon Technologies AG TLE4263G Datasheet HTML 11Page - Infineon Technologies AG TLE4263G Datasheet HTML 12Page - Infineon Technologies AG TLE4263G Datasheet HTML 13Page - Infineon Technologies AG TLE4263G Datasheet HTML 14Page - Infineon Technologies AG TLE4263G Datasheet HTML 15Page - Infineon Technologies AG TLE4263G Datasheet HTML 16Page - Infineon Technologies AG TLE4263G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
13
Rev. 2.8, 2007-03-20
TLE 4263
Drop Voltage versus
Output Current
Current Consumption versus
Input Voltage
Current Consumption versus
Output Current
Output Voltage versus
Input Voltage
AED03060_4263
0
0
Q
I
50
100
150
200
300
mA
100
200
300
400
500
600
700
800
mV
V
dr
j
T = 125 ˚C
25 ˚C
15
10
5
20
010
0
20
mA
30
25
q
Ι
= 25
R L
50
V
30
40
V Ι
AED01096
Ω
AED03061
0
0
Q
I
q
I
50
100
150
200
300
I
V = 13.5 V
mA
4
8
12
16
20
24
28
32
mA
R
6
4
2
0
4
0
2
8
12
10
Q
V
V
10
V
68
V Ι
AED01097
= 25
L
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com