Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB5032 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5032
Description  Home Phone Networking Analog Magnetics Module with 10 Base-T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5032 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5032 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Filter Characteristic Impedance : 100
Ω • Isolation : 1500 Vrms •
Insertion
Loss
(dB Max.)
-3
6.0-9.0
MHz
Return
Loss
(dB Min.)
-12
6.0-9.0
MHz
Electrical Parameters @ 25° C
Home Phone Networking Analog
Magnetics Module with 10 Base-T
CSB5032
Rev. 4
3/9/00
• Optimized for AMD79C978,Conexant CN7221 •
& National DP83851 Chips
• UL/IEC 950 Approved File #132261 •
• Supports TUT Systems HPN Architecture •
• Meets or exceeds IEEE 802.3 Requirements •
• Temperature Range -40°C to +85°C •
Package
EPB5032
Cut-off
Frequency
E L E C T R O N I C S I N C .
Attenuation
(dB Min.)
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Dimensions
A
B
C
D
E
F
G
H
I
J
Dim.
Min.
Max.
Nom.
(Inches)
(Millimeters)
Min.
Max.
Nom.
1.040
.540
.320
---
.020
---
.390
.016
.016
.120
1.060
.560
.350
---
.030
---
.410
.020
.020
.150
1.050
.550
.335
.600
.025
.100
.400
.018
.018
.135
26.42
13.72
8.13
---
.508
---
9.90
.406
.406
3.05
26.92
14.22
8.89
---
.762
---
10.41
.508
.508
3.81
26.67
13.97
8.51
15.24
.635
2.54
10.16
.457
.457
3.43
@ 1
MHz
-60
Schematic
Product performance is limited to specified parameters. Data is subject to change without prior notice.
@ 27
MHz
-55
4.0-5.8
Lower Band
MHz
9-11
Upper Band
MHz
A
F
E
B
C
J
Pin 1
I.D.
PCA
EPB5032
Date Code
I
G
H
D
1+
BPF
2-
TX- 7
TX+ 6
13 (RING)
RX- 5
14 (TIP)
9 RX-
8 RX+
10 TX-
11 TX+
RX+ 4
Gnd 3
Cable Side
Chip Side
1:1
1:1
1:
2
.001 µF,
2000 V
Chip Side
Cable Side
HPNA
10 Base-T
Sidactor


Similar Part No. - EPB5032

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5032G PCA-EPB5032G Datasheet
37Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
More results

Similar Description - EPB5032

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5036G PCA-EPB5036G Datasheet
35Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5036GM PCA-EPB5036GM Datasheet
35Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5032G PCA-EPB5032G Datasheet
37Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5034 PCA-EPB5034 Datasheet
40Kb / 1P
Home Phone Networking Analog Magnetics Module with 10/100 Base-T
EPB5036WG PCA-EPB5036WG Datasheet
38Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5041G PCA-EPB5041G Datasheet
39Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5067G PCA-EPB5067G Datasheet
37Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5091GA PCA-EPB5091GA Datasheet
39Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5091GB PCA-EPB5091GB Datasheet
39Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5174G PCA-EPB5174G Datasheet
40Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com