Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS2003 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTS2003
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2003 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTS2003 Datasheet HTML 1Page - Sanyo Semicon Device FTS2003 Datasheet HTML 2Page - Sanyo Semicon Device FTS2003 Datasheet HTML 3Page - Sanyo Semicon Device FTS2003 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5993-3/4
FTS2003
Drain Current, ID –A
SW Time - I D
Drain-to-Source Voltage, VDS –V
A S O
Ambient Temperature, Ta – ˚C
P D - Ta
td(off)
tf
tr
td(on)
VDD=10V
VGS=4V
IDP=25A
I D=4A
Operation in this area
is limited by RDS(on).
100
µs
1ms
10ms
100ms
DC
operation
Ta=25
°C
1 Pulse
Mounted on a ceramic board (1000mm2
×0.8mm)
Mounted
on
a
ceramic
board
(1000mm
2×
0.8mm)
2
10
3
5
7
100
2
3
5
7
1000
72
3
2
2
33
5
57
5
7
0.1
1.0
10
2
0.01
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
0.1
23
5
7
23
5
7
1.0
23
10
020
0.2
0.4
0.8
1.0
1.2
1.3
1.6
1.4
0.6
0
40
60
80
100
120
140
160
Drain-to-Source Voltage, VDS –V
Ciss,Coss,Crss - VDS
Total Gate Charge, Qg – nC
VGS - Qg
f=1MHz
Ciss
Coss
Crss
2
3
5
7
10
100
2
3
5
7
2
3
5
7
1000
10000
1
2
3
4
5
10
9
8
7
6
0
0
2
4
6
8
101214161820
2
4
6
8
12
16
18
14
10
22
20
0
VDS=10V
ID=4A
Ambient Temperature, Ta – ˚C
VGS=0
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
0
0.2
0.4
0.6
0.8
1.0
1.2
R DS(on) - Ta
I F - VSD
Diode Forward Voltage, VSD –V
ID=2A,V
GS
=2.5V
ID=4A,V
GS
=4V
10
20
100
90
50
60
70
80
40
30
0
-60
-40
-20
0
20
40
60
80
100
120
160
140



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com