Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB5155G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5155G
Description  VDSL High Pass / Low Pass Filter Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5155G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5155G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25
°C
ELECTRONICS, INC.
ELECTRONICS, INC.
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
¥ Designed to match Infineon Technologies VDSL Solutions ¥
¥ Designed for Receive Short Haul VDSL Applications ¥
¥ Robust construction allows for IR/VP processes ¥
CSB5157G/55G Rev. 1 6/4/01
VDSL High Pass / Low Pass
Filter Modules
Part
Number
EPB5157G
EPB5155G
270
270
---
-0.8
-0.8
---
Insertion Loss
(dB Max.)
900 KHz - 3.3 MHz 4.5 MHz - 7.9 MHz
Return Loss
(dB Min.)
Attenuation
(dB Min.)
-30
---
900 KHz - 3.0 MHz
---
-20
4.5 MHz - 7.9 MHz
Impedance
-12
-12
-12
-12
900 KHz - 3.0 MHz 4.5 MHz - 7.9 MHz
Cable Side
1
2
10
9
Filter
RX
Dimensions
Dim.
Min.
Min.
Max.
Max.
Nom.
Nom.
(Inches)
(Millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
R
.930
.570
.280
---
.010
---
.710
.016
.008
---
0¡
.025
---
---
---
---
---
.950
.590
.300
---
.015
---
.730
.022
.012
---
8¡
.045
---
---
---
---
---
.940
.580
.290
.700
.012
.100
.720
.018
.010
.120
4¡
.035
.050
.100
.090
.760
.200
23.62
14.48
7.11
---
.254
---
18.03
.406
.203
---
0¡
.635
---
---
---
---
---
24.13
14.99
7.62
---
.381
---
18.54
.559
.305
---
8¡
1.14
---
---
---
---
---
23.88
14.73
7.37
17.78
.305
2.54
18.29
.457
.254
3.05
4¡
.889
1.27
2.54
2.29
19.30
5.08
PCA
EPB515XG
D.C.
A
B
J
D
Solder
Pad
M
N
R
R
P
Pin 1
I.D.
H
C
E
K
L
F
Q
G
I
Note 1: Return Loss measured across pins1&2 with pins9&10 loaded with 270 ½
1


Similar Part No. - EPB5155G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5151 PCA-EPB5151 Datasheet
15Kb / 1P
Coupled Inductor
EPB5151-LF PCA-EPB5151-LF Datasheet
15Kb / 1P
Coupled Inductor
EPB5152G PCA-EPB5152G Datasheet
37Kb / 1P
ISDN Low-Pass Splitter Module
EPB5153G PCA-EPB5153G Datasheet
39Kb / 1P
VDSL Bandpass Filter Module
EPB5154G PCA-EPB5154G Datasheet
38Kb / 1P
VDSL Bandpass Filter Module
More results

Similar Description - EPB5155G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
logo
PCA ELECTRONICS INC.
EPB5157G PCA-EPB5157G Datasheet
43Kb / 1P
VDSL High Pass / Low Pass Filter Modules
EPB5156G PCA-EPB5156G Datasheet
38Kb / 1P
VDSL Low-Pass Filter Module
EPB5158G PCA-EPB5158G Datasheet
38Kb / 1P
VDSL Low-Pass Filter Module
EPB5159G PCA-EPB5159G Datasheet
39Kb / 1P
VDSL Low-Pass Filter Module
EPB5160G PCA-EPB5160G Datasheet
38Kb / 1P
VDSL High-Pass Filter Module
logo
Coilcraft lnc.
P7LP-304L COILCRAFT-P7LP-304L Datasheet
120Kb / 2P
Low Pass LC Filter Modules
P7LP-304L COILCRAFT-P7LP-304L_13 Datasheet
206Kb / 2P
Low Pass LC Filter Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com