Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4471_09 Datasheet HTML 1Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 2Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 3Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 4Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 5Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 6Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 7Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 8Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Data Sheet
2
Rev. 1.6, 2009-02-03
TLE 4471
Figure 1
Block Diagram
AES02864
TLE 4471
Self Protection - Over Temperature
- Short Circuit
- Reverse Polarity Proof
ESD Protection
Tracker 1
Tracker 2
≥1
E1
E2
E3
I
EN
Q1
Q2
REF2
Q3
REF3
Reference Voltage
50 mA, ±0.5% Tracking
Reference Voltage
100 mA, ±0.5% Tracking
5 V ±2%, 450 mA
Reset
Generator
Reset
Delay
Reset
Level
Adjust
R
DR
RADJ
Watchdog
W
DW
Main
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com