Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4471G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4471G
Description  Triple Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4471G Datasheet HTML 8Page - Infineon Technologies AG TLE4471G Datasheet HTML 9Page - Infineon Technologies AG TLE4471G Datasheet HTML 10Page - Infineon Technologies AG TLE4471G Datasheet HTML 11Page - Infineon Technologies AG TLE4471G Datasheet HTML 12Page - Infineon Technologies AG TLE4471G Datasheet HTML 13Page - Infineon Technologies AG TLE4471G Datasheet HTML 14Page - Infineon Technologies AG TLE4471G Datasheet HTML 15Page - Infineon Technologies AG TLE4471G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet
12
Rev. 1.6, 2009-02-03
TLE 4471
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A = 25 °C and
the given supply voltage.
Reference Output REF3
Voltage divider ratio
V
REF3
49.5
50
50.5
% of
V
Q3
–
Output impedance
R
REF3
10
–
20
k
Ω
–
Output clamp voltage
–
–
–
4.5
V
–
1) Measured when the output voltage
V
Q dropped 100 mV from the nominal value.
2) Not subject to production test, specified by design.
Table 4
Characteristics (cont’d)
V
I = 13.5 V; Tj = -40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com