Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4675 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4675
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4675 Datasheet HTML 9Page - Infineon Technologies AG TLE4675 Datasheet HTML 10Page - Infineon Technologies AG TLE4675 Datasheet HTML 11Page - Infineon Technologies AG TLE4675 Datasheet HTML 12Page - Infineon Technologies AG TLE4675 Datasheet HTML 13Page - Infineon Technologies AG TLE4675 Datasheet HTML 14Page - Infineon Technologies AG TLE4675 Datasheet HTML 15Page - Infineon Technologies AG TLE4675 Datasheet HTML 16Page - Infineon Technologies AG TLE4675 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
13
Rev. 1.0, 2008-09-30
TLE4675
Voltage Regulator
Dropout Voltage
V
dr vs.
Output Current
I
Q
Reverse Output Current
I
Q vs.
Input Voltage
V
Q
Dropout Voltage
V
dr vs.
Junction Temperature
T
j
Reverse Current
I
I vs.
Input Voltage
V
I
1
IQ [mA]
210
100
20
200
100
Vdr [mV]
Tj = 25 °C
Tj = 125 °C
Vd r-IQ .v s d
0
VQ [V]
3.2
4 .8
IQ [mA]
IQ-VQ @ VI=0 .vs d
-0.6
-0.8
-0.4
1.6
6
0
VI = 0 V
Tj = 150 °C
Tj = -40 °C
-40
Tj [°C]
-20
20 40
80 100
Vdr [mV]
Vd r- Tj.v s d
060
140
120
0
50
100
150
200
250
300
500
I
Q = 400 mA
IQ = 1 mA
I
Q = 200 mA
VI [V]
-24
-16
II [mA]
II-VI@VQ =0.v s d
-1.5
-2
-2.5
-1
-32
-8
0
VQ = 0 V
Tj = 150 °C
Tj = 25 °C
Tj = -40 °C
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com