Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4675D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4675D
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675D Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4675D Datasheet HTML 1Page - Infineon Technologies AG TLE4675D Datasheet HTML 2Page - Infineon Technologies AG TLE4675D Datasheet HTML 3Page - Infineon Technologies AG TLE4675D Datasheet HTML 4Page - Infineon Technologies AG TLE4675D Datasheet HTML 5Page - Infineon Technologies AG TLE4675D Datasheet HTML 6Page - Infineon Technologies AG TLE4675D Datasheet HTML 7Page - Infineon Technologies AG TLE4675D Datasheet HTML 8Page - Infineon Technologies AG TLE4675D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Type
Package
Marking
TLE4675D
PG-TO252-5
TLE4675
TLE4675G
PG-TO263-5
TLE4675
PG-TO252-5
PG-TO263-5
Data Sheet
3
Rev. 1.0, 2008-09-30
Low Drop Out Linear Voltage Regulator
5V Fixed Output Voltage
TLE4675
1Overview
Features
•
Output Voltage 5 V
± 2%
•
Output Current Capability 400 mA
•
Ultra Low Current Consumption
•
Very Low Drop Out Voltage
•
Reset Circuit Sensing the Output Voltage
with Programmable Delay Time
•
Reset Output Active Low Down to
V
Q = 1 V
•
Excellent Line Transient Robustness
•
Maximum Input Voltage -42 V
≤ VI ≤ +45 V
•
Reverse Polarity Protection
•
Short Circuit Protected
•
Overtemperature Shutdown
•
Automotive Temperature Range -40
°C ≤ Tj ≤ 150 °C
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE4675 is a monolithic integrated low drop out fixed output voltage regulator for loads up to 400 mA. An
input voltage up to 45 V is regulated to an output voltage of 5 V. The integrated reset function, as well as several
protection circuits combined with the wide operating temperature range offered by the TLE4675 make it suitable
for supplying microprocessor system in automotive environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com