Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS2004 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTS2004
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2004 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTS2004 Datasheet HTML 1Page - Sanyo Semicon Device FTS2004 Datasheet HTML 2Page - Sanyo Semicon Device FTS2004 Datasheet HTML 3Page - Sanyo Semicon Device FTS2004 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5949-3/4
FTS2004
SW Time - I D
A S O
P D - Ta
td(off)
tf
tr
td(on)
VDD=15V
VGS=10V
IDP=25A
ID=4A
Operation in this area
is limited by RDS(on).
100
µs
1ms
10ms
100ms
DC
operation
Ciss,Coss,Crss - VDS
VGS - Qg
f=1MHz
Ciss
Coss
Crss
VDS=10V
ID=4A
2
3
5
7
10
100
2
3
5
7
2
3
5
7
1000
10000
010
515
25
20
30
1
2
3
4
5
10
9
8
7
6
0
0
2
4
6
12
14
10
816
2
1.0
3
5
7
10
2
3
5
7
100
2
3
5
7
1000
7
0.1
23
2
2
3
57 1.0
57
10
2
0.01
3
5
7
2
3
5
7
2
3
5
7
2
3
5
0.1
1.0
10
0.01
23
5 7 0.1
23
5 7 1.0
23
2
3
55
7 10
0.2
0.4
0.8
1.0
1.2
1.6
1.4
0.6
0
0
20
40
60
80
100
120
140
160
I F - VSD
VGS=0
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
0
0.1
0.2
0.3
0.5
0.4
0.6
1.0
0.7
0.8
0.9
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm2
×0.8mm)
Mounted
on
a
ceramic
board
(1000mm
2×
0.8mm)
Drain-to-Source Voltage, VDS – V
Total Gate Charge, Qg – nC
Ambient Temperature, Ta – ˚C
Diode Forward Voltage, VSD –V
R DS(on) - Ta
ID=4A,V
GS
=10V
ID=4A,V
GS
=4V
10
20
100
90
50
60
70
80
40
30
0
-60
-40
-20
0
20
40
60
80
100
120
160
140



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com