Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS2011 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTS2011
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2011 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTS2011 Datasheet HTML 1Page - Sanyo Semicon Device FTS2011 Datasheet HTML 2Page - Sanyo Semicon Device FTS2011 Datasheet HTML 3Page - Sanyo Semicon Device FTS2011 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6355-3/4
FTS2011
2
3
5
7
23
5
7
2
3
5
7
td(on)
td(off)
tr
tf
1000
2
3
5
7
100
2
3
5
7
10
0.1
0.1
1.0
10
SW Time -- ID
VDD=10V
VGS=4V
IT00444
VDS=10V
ID=8V
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
55
60
VGS -- Qg
IT00443
10000
1000
100
7
5
3
2
7
5
3
2
7
5
3
2
10
02
4
6
8
10
12
14
16
18
20
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT00442
2.0
1.5
1.3
1.0
0.5
0
0
20
40
60
80
100
120
140
160
PD -- Ta
IT00446
2
3
5
7
2
3
5
7
23
5 7
100ms
100
µs
<10
µs
10ms
1ms
100
10
2
3
5
7
1.0
2
3
5
7
0.1
0.01
0.01
0.1
23
5 71.0
23
5 7
2 3
5 7
10
100
A S O
IDP=32A
ID=8A
Operation in this
area is limited by RDS(on)
DC
operation
IT00445
0.01
2
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
IF -- VSD
VGS=0
IT00441
100
10
1.0
0.1
10
1.0
2
2
3
5
7
2
3
5
7
35 7
2
3
5 7
100
23
5 7
yfs -- ID
25
°C
75
°C
Ta
=--25
°C
IT00440
VDS=10V
Drain Current, ID –A
Diode Forward Voltage, VSD –V
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm2
×0.8mm)
Ambient Temperature, Ta – ˚C
Mounted
on
a ceramic
board
(1000mm
2×
0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com