Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS2012 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTS2012
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2012 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTS2012 Datasheet HTML 1Page - Sanyo Semicon Device FTS2012 Datasheet HTML 2Page - Sanyo Semicon Device FTS2012 Datasheet HTML 3Page - Sanyo Semicon Device FTS2012 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6360-3/4
FTS2012
Ciss, Coss, Crss -- VDS
10000
5
7
1000
2
3
0
25
510
15
20
30
VGS -- Qg
3
2
1
0
4
5
525
30
35
40
20
15
10
0
IT00738
IT00739
100
5
7
2
3
8
7
6
9
10
Ciss
Coss
Crss
VDS=10V
ID=8A
f=1MHz
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
PD -- Ta
2
3
5
7
2
3
5
7
23
5 7
100ms
100
µs
<10
µs
10ms
1m
s
100
10
1.0
2
3
5
7
2
3
5
7
0.1
0.01
0.01
0.1
23
5 7 1.0
23
5 7 10
23
5 7 100
A S O
Operation in this
area is limited by RDS(on).
DC
operation
2
3
5
7
2
3
5
7
2
3
5
7
23
5 7
23
5 7
23
5 7
td(on)
td(off)
tr
tf
1000
100
10
1.0
0.1
1.0
10
100
SW Time -- ID
VDD=15V
VGS=10V
IT00740
IT00742
IT00741
ID=8A
0.001
5
3
100
2
10
7
0.3
0.6
1.2
0.4
yfs -- ID
100
0.001
0.01
23 5 7
0.1
23 5 7
1.0
23 5 7
10
23 5 7
100
23 5 7
IT00736
IT00737
5
2
7
3
10
5
2
7
3
1.0
5
2
7
3
0.1
0.01
5
2
7
3
0.01
1.0
0.1
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
0.5
0.7
0.8
0.9
1.0
1.1
0.2
IF -- VSD
VGS=0
VDS=10V
Ta=-
-25
°C
75
°C
25
°C
IDP=32A
Drain Current, ID –A
Diode Forward Voltage, VSD –V
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm2
×0.8mm)
Ambient Temperature, Ta – ˚C
Mounted
on
a ceramic
board
(1000mm
2×0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com