Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8251 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MSC8251
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8251 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MSC8251 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8251 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8251 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8251 Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8251 Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8251 Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8251 Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8251 Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8251 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
Hardware Design Considerations
MSC8251 Single-Core Digital Signal Processor Data Sheet, Rev. 2
Freescale Semiconductor
61
3.5.3
RGMII Ethernet Related Pins
Note:
Table 46 and Table 47 assume that the alternate function of the specified pin is not used. If the alternate function is
used, connect the pin as required to support that function.
GE_MDC and GE_MDIO pins should be connected as required by the specified protocol. If neither GE1 nor GE2 is used,
Table 47 lists the recommended management pin connections.
3.5.4
TDM Interface Related Pins
Table 48 lists the board connections of the TDM pins when an entire specific TDM is not used. For multiplexing options that
select a subset of a TDM interface, use the connections described in Table 48 for those signals that are not selected. Table 48
assumes that the alternate function of the specified pin is not used. If the alternate function is used, connect that pin as required
to support the selected function.
SR[1–2]_RXDn
SXCVSS
SR[1–2]_RXDn
SXCVSS
SR[1–2]_TXDn
NC
SR[1–2]_TXDn
NC
SR[1–2]_PLL_AVDD
in use
SR[1–2]_PLL_AGND
in use
SXPVSS
in use
SXCVSS
in use
SXPVDD
in use
SXCVDD
in use
Note:
The n indicates the lane number {0,1,2,3} for all unused lanes.
Table 46. Connectivity of RGMII Related Pins When the RGMII Interface Is Not Used
Signal Name
Pin Connection
GE1_RX_CTL
GND
GE2_TX_CTL
NC
Note:
Assuming GE1 and GE2 are disabled in the reset configuration word.
Table 47. Connectivity of GE Management Pins When GE1 and GE2 Are Not Used
Signal Name
Pin Connection
GE_MDC
NC
GE_MDIO
NC
Table 48. Connectivity of TDM Related Pins When TDM Interface Is Not Used
Signal Name
Pin Connection
TDMnRCLK
GND
TDMnRDAT
GND
TDMnRSYN
GND
Table 45. Connectivity of HSSI Related Pins When Specific Lane Is Not Used (continued)
Signal Name
Pin Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com