Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8252 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MSC8252
Description  orderDual-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8252 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MSC8252 Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 67Page - Freescale Semiconductor, Inc MSC8252 Datasheet HTML 68Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
Product Documentation
MSC8252 Dual-Core Digital Signal Processor Data Sheet, Rev. 3
Freescale Semiconductor
65
6
Product Documentation
Following is a general list of supporting documentation:
MSC8252 Technical Data Sheet (MSC8252). Details the signals, AC/DC characteristics, clock signal characteristics,
package and pinout, and electrical design considerations of the MSC8252 device.
MSC8252 Reference Manual (MSC8252RM). Includes functional descriptions of the extended cores and all the
internal subsystems including configuration and programming information.
Application Notes. Cover various programming topics related to the StarCore DSP core and the MSC8252 device.
QUICC Engine Block Reference Manual with Protocol Interworking (QEIWRM). Provides detailed information
regarding the QUICC Engine technology including functional description, registers, and programming information.
SC3850 DSP Core Reference Manual. Covers the SC3850 core architecture, control registers, clock registers, program
control, and instruction set.
MSC8156SC3850 DSP Core Subsystem Reference Manual. Covers core subsystem architecture, functionality, and
registers.
7
Revision History
Table 50 provides a revision history for this data sheet.
Table 50. Document Revision History
Rev.
Date
Description
0
Apr. 2010
• Initial public release.
1
May 2010
• Changed connection for pins K17, L14, L16, M15, M17, and N14 from VDD to VSS in Table 1.
• Updated Section 3.1.2, Power-On Ramp Time.
2
Jun 2010
• Changed the number of cores in the first bullet on the first page from four to two.
• The correction to the L16 connection was not made in Rev. 1. Fixed the entry to change from VDD to VSS in
Table 1.
3
Dec 2010
• Updated Table 16.
• Updated Section 3.1.2, Power-On Ramp Time.
• Updated Section 4, Ordering Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com