Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8254 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MSC8254
Description  Quad-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8254 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MSC8254 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8254 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8254 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8254 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8254 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8254 Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8254 Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8254 Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8254 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
Hardware Design Considerations
MSC8254 Quad-Core Digital Signal Processor Data Sheet, Rev. 2
Freescale Semiconductor
59
3.5.1
DDR Memory Related Pins
This section discusses the various scenarios that can be used with either of the MSC8254 DDR ports.
Note:
The signal names in Table 40, Table 41 and Table 42 are generic names for a DDR SDRAM interface. For actual pin
names refer to Table 1.
3.5.1.1
DDR Interface Is Not Used
Table 40. Connectivity of DDR Related Pins When the DDR Interface Is Not Used
Signal Name
Pin Connection
MDQ[0–63]
NC
MDQS[7–0]
NC
MDQS[7–0]
NC
MA[15–0]
NC
MCK[0–2]
NC
MCK[0–2]
NC
MCS[1–0]
NC
MDM[7–0]
NC
MBA[2–0]
NC
MCAS
NC
MCKE[1–0]
NC
MODT[1–0]
NC
MMDIC[1–0]
NC
MRAS
NC
MWE
NC
MECC[7–0]
NC
MDM8
NC
MDQS8
NC
MDQS8
NC
MAPAR_OUT
NC
MAPAR_IN
NC
MVREF3
NC
GVDD1/GVDD23
NC
Notes:
1.
For the signals listed in this table, the initial M stands for M1 or M2 depending on which DDR controller is not used.
2.
If the DDR controller is not used, disable the internal DDR clock by setting the appropriate bit in the System Clock Control
Register (SCCR) and put all DDR I/O in sleep mode by setting DRx_GCR[DDRx_DOZE] (for DDR controller x). See the
Clocks and General Configuration Registers chapters in the MSC8254 Reference Manual for details.
3.
For MSC8254 Revision 1 silicon, these pins were connected to GND. For newer revisions of the MSC8254, connecting these
pins to GND increases device power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com