Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8256 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MSC8256
Description  Six-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8256 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MSC8256 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8256 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8256 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8256 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8256 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8256 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8256 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8256 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8256 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
MSC8256 Six-Core Digital Signal Processor Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
24
2.2
Recommended Operating Conditions
Table 3 lists recommended operating conditions. Proper device operation outside of these conditions is not guaranteed.
Table 3. Recommended Operating Conditions
Rating
Symbol
Min
Nominal
Max
Unit
Core supply voltage
VDD
0.97
1.0
1.05
V
M3 memory supply voltage
VDDM3
0.97
1.0
1.05
V
DDR memory supply voltage
• DDR2 mode
• DDR3 mode
DDR reference voltage
VDDDDR
MVREF
1.7
1.425
0.49
× VDDDDR
1.8
1.5
0.5
× VDDDDR
1.9
1.575
0.51
× VDDDDR
V
V
V
I/O voltage excluding DDR and
RapidIO lines
VDDIO
2.375
2.5
2.625
V
Rapid I/O pad voltage
VDDSXP
0.97
1.0
1.05
V
Rapid I/O core voltage
VDDSXC
0.97
1.0
1.05
V
Operating temperature range:
• Standard
• Higher
• Extended
TJ
TJ
TA
TJ
0
0
–40
—
90
105
—
105
°C
°C
°C
Typical power:
• 1 GHz at 1.0 V1
• 800 MHz at 1.0 V2
P
—
—
6.04
5.53
—
—
W
W
Notes:
1.
The typical power values are derived for a device running under the following conditions.
•
Six cores running at 1 GHz, Core voltage at 1 V, 75% utilization (50% control/50% DSP).
•
A single 64 bit DDR3 running at 800 MHz, 50% utilization (50% reads/50% writes).
•
M3 Memory 50% utilized, PCI Express controller disabled, TDM enabled 20% loading, Serial RapidIO controller
disabled.
•
1 RGMII at 1 Gbps 50% loading.
•
A junction temperature of 60°C.
2.
The typical power values are derived for a device running under the following conditions.
•
Six cores running at 800 MHz, Core voltage at 1 V, 75% utilization (50% control/50% DSP).
•
A single 64 bit DDR3 running at 800 MHz, 50% utilization (50% reads/50% writes).
•
M3 Memory 50% utilized, PCI Express controller disabled, TDM enabled 20% loading, Serial RapidIO controller
disabled.
•
1 RGMII at 1 Gbps 50% loading.
•
A junction temperature of 60°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com