Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPT7063G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPT7063G
Description  Token Ring Transceiver Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7063G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPT7063G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
1-16
MHz
1-32
MHz
100
MHz
Crosstalk
(dB Min.)
-45
1-16
MHz
32
MHz
36
MHz
1-6
MHz
6-17
MHz
17-25
MHz
-15
Xmit
-15
Xmit
-9
Xmit
-50
Xmit
Xmit
-40
-.8
Xmit
Rcv
-.8
-7
Xmit
Rcv
-1
Rcv
-15
-25
Xmit
Rcv
-1
Rcv
-15
Rcv
-15
Rcv
-25
Rcv
-15
Electrical Parameters @ 25° C
Token Ring Transceiver Module
CST7063G
Rev. -
7/8/99
• Optimized for TI380C30 •
• Supports both UTP and STP Transmission •
• Robust Construction allows for severe soldering processes •
• Complies with or exceeds IEEE 802.5 Requirements •
Schematic
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
1.08
.560
.280
---
.010
---
.690
.018
.008
---
0°
.025
---
---
---
---
Min.
1.10
.580
.300
---
.015
---
.710
.022
.012
---
8°
.045
---
---
---
---
Max.
1.09
.570
.290
.900
.013
.100
.700
.020
.010
.095
---
.035
.030
.100
.090
.740
Nom.
(Inches)
(Millimeters)
Min.
Max.
Nom.
Package
EPT7063G
44
MHz
-30
Xmit
Rcv
-1
E L E C T R O N I C S I N C .
Impedance
(
Ω
Ω
Ω
Ω)
[Xmit/Rcv]
150/100
Cable Side
150
Chip Side
Pin 1
I.D.
C
D
E
B
F
L
A
H
P
N
M
Q
G
PCA
EPT7063G
Date Code
Pad
Layout
J
K
I
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
27.43
14.22
7.11
---
.254
---
17.53
.457
.203
---
0°
.635
---
---
---
---
27.94
14.73
7.62
---
.381
---
18.03
.559
.305
---
8°
1.14
---
---
---
---
27.69
14.48
7.37
22.86
.330
2.54
17.78
.508
.254
2.41
---
.889
.762
2.54
2.29
18.80
Product performance is limited to specified parameters. Data is subject to change without prior notice.
7
8
9
10
1
2
5
4
20
19
14
13
12
11
6
Transmit
Filter


Similar Part No. - EPT7063G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7063G PCA-EPT7063G Datasheet
30Kb / 1P
Token Ring Transceiver
More results

Similar Description - EPT7063G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7008AG PCA-EPT7008AG Datasheet
70Kb / 2P
Token Ring Transceiver Module
EPT7045GM PCA-EPT7045GM Datasheet
70Kb / 2P
Token Ring Transceiver Module
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
Token Ring Transceiver Module
EPT7074G PCA-EPT7074G Datasheet
31Kb / 1P
Token Ring Transceiver Module
EPT7075 PCA-EPT7075 Datasheet
35Kb / 1P
Token Ring Transceiver Module
EPT7076 PCA-EPT7076 Datasheet
39Kb / 2P
Token Ring Transceiver Module
EPT7082S PCA-EPT7082S Datasheet
30Kb / 1P
Token Ring Transceiver Module
EPT7084G PCA-EPT7084G Datasheet
38Kb / 2P
Token Ring Transceiver Module
EPT7076 PCA-EPT7076_99 Datasheet
90Kb / 2P
Token Ring Transceiver Module
EPT7084G PCA-EPT7084G_99 Datasheet
49Kb / 1P
Token Ring Transceiver Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com