Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6251G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6251G
Description  High Speed CAN-Transceiver with Wake Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6251G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6251G Datasheet HTML 17Page - Infineon Technologies AG TLE6251G Datasheet HTML 18Page - Infineon Technologies AG TLE6251G Datasheet HTML 19Page - Infineon Technologies AG TLE6251G Datasheet HTML 20Page - Infineon Technologies AG TLE6251G Datasheet HTML 21Page - Infineon Technologies AG TLE6251G Datasheet HTML 22Page - Infineon Technologies AG TLE6251G Datasheet HTML 23Page - Infineon Technologies AG TLE6251G Datasheet HTML 24Page - Infineon Technologies AG TLE6251G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Table 4
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Supply voltage
V
S
5
40
V
–
5 V supply voltage
V
CC
4.75
5.25
V
–
Logic supply voltage
V
µC
3.0
5.25
V
–
Junction temperature
T
j
-40
150
°C
–
Thermal Resistances
Junction ambient
R
thj-a
–
120
K/W
1) Calculation of the junction temperature
T
j = Tamb + P × Rthj-a
1)
Thermal Shutdown (junction temperature)
Thermal shutdown temp.
T
jSD
150
190
°C
–
Thermal shutdown hyst.
∆T
–
10
K
–
TLE 6251 G
Final Data Sheet
21
Rev. 3.3, 2008-06-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com