Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12311BPC472JS Datasheet(PDF) 1 Page - Kemet Corporation

Part # M12311BPC472JS
Description  CAPACITOR OUTLINE DRAWINGS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

M12311BPC472JS Datasheet(HTML) 1 Page - Kemet Corporation

  M12311BPC472JS Datasheet HTML 1Page - Kemet Corporation M12311BPC472JS Datasheet HTML 2Page - Kemet Corporation M12311BPC472JS Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CAPACITOR OUTLINE DRAWINGS
KEMET ORDERING INFORMATION
C 0805 Z 101 K 5 G A L
MARKING
Capacitors shall be legibly laser
marked in contrasting color with
the KEMET trademark and
2-digit capacitance symbol.
Termination
H = Nickel Guarded, Solder-Coated
(Sn60)
L = 70/30 Tin/Lead Plated
Failure Rate
(%/1000 Hours)
A - Standard — Not Applicable
Temperature Characteristic
KEMET
Military
Temp.
Measured Without
Measured With Bias
Designator
Equivalent
Range, °C
DC BiasVoltage
(Rated Voltage)
G
-55 to
±30
±30
(Ultra Stable)
BP
+125
ppm °C
ppm °C
X
BX
-55 to
±15%
+15%
(Stable)
+125
-25%
DIMENSIONS — INCHES
Ceramic
Chip Size
0805, 1206, 1210, 1808, 1812, 1825, 2225
Specification
Z — Mil-PRF-123
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
Capacitance Tolerance
C— ±0.25pF
J— ±5%
D— ±0.5 pF
K— ±10%
F— ±1%
Working Voltage
5 — 50; 1 — 100
Temperature Characteristic
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
9
CERAMIC CHIP/MIL-PRF-123
M123 A
10
BX
B
472
K
Z
Military Specification
Number
Modification Number
Indicates the latest characteristics of
the part in the specification sheet
MIL-PRF-123 Slash Sheet Number
Temperature Characteristic
Termination
Z = 70/30 Tin Lead Plated
S = Nickel guarded Solder-
coated (Sn60)
Tolerance
C = ±0.25pF; D = ±0.5pF;
F = ±1%; J = ±5%; K = ± 10%
Capacitance Change with Temperature
KEMET
Designator
Military
Equivalent
Temp.
Range,
°C
Measured Without
DC Bias Voltage
Measured With
Bias (Rated
Voltage)
G
(UltraStable)
BP
-55 to
125
±30
ppm°C
±30
ppm°C
X
(Stable)
BX
-55 to
+125
±15%
+15%
-25%
Slash Sheet #
KEMET Style
MIL-PRF-123
Style
10
C0805
CKS51
11
C1210
CKS52
12
C1808
CKS53
13
C2225
CKS54
21
C1206
CKS55
22
C1812
CKS56
23
C1825
CKS57
Capacitance Picofarad Code
Voltage
B = 50; C = 100
NOTE:
For solder coated termination, add 0.015” (0.38mm) to the positive width and thickness tolerances. Add the following to the positive
length tolerance: CKS51 - 0.020” (0.51mm); CKS52, CKS53 and CKS54 - 0.025 (0.64mm); add 0.012” (0.30mm) to the bandwidth tolerance.
Chip
Size
Military
Equivalent
Styles
L
Length
W
Width
T
Thickness
Maximum
0805
CKS51
0.080 ± 0.015
0.050 ± 0.015
0.055
1210
CKS52
0.120 ± 0.015
0.100 ± 0.015
0.065
1808
CKS53
0.180 ± 0.015
0.080 ± 0.015
0.065
2225
CKS54
0.220 ± 0.015
0.250 ± 0.015
0.070
1206
CKS55
0.120 ± 0.015
0.060 ± 0.015
0.065
1812
CKS56
0.180 ± 0.015
0.125 ± 0.015
0.080
1825
CKS57
0.180 ± 0.015
0.250 ± 0.015
0.080


Similar Part No. - M12311BPC472JS

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
M1231 ALPHAWIRE-M1231 Datasheet
391Kb / 4P
20 (19/32) AWG Silver Plated Copper
More results

Similar Description - M12311BPC472JS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1905NMM ETC-OM1905NMM Datasheet
26Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
Kemet Corporation
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
CAPACITOR OUTLINE DRAWINGS
logo
International Rectifier
OM1805NKM IRF-OM1805NKM Datasheet
34Kb / 4P
HERMETIC TO-3 FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
logo
SYNC POWER Crop.
SOT-353 SYNC-POWER-SOT-353 Datasheet
30Kb / 1P
OUTLINE
logo
List of Unclassifed Man...
TO-251 ETC2-TO-251 Datasheet
32Kb / 1P
OUTLINE
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
CAPACITOR OUTLINE DRAWINGS
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
AD021-00E ETC2-AD021-00E Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Kemet Corporation
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
CAPACITOR OUTLINE DRAWINGS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com