Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7259G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7259G
Description  LIN Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7259G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7259G Datasheet HTML 1Page - Infineon Technologies AG TLE7259G Datasheet HTML 2Page - Infineon Technologies AG TLE7259G Datasheet HTML 3Page - Infineon Technologies AG TLE7259G Datasheet HTML 4Page - Infineon Technologies AG TLE7259G Datasheet HTML 5Page - Infineon Technologies AG TLE7259G Datasheet HTML 6Page - Infineon Technologies AG TLE7259G Datasheet HTML 7Page - Infineon Technologies AG TLE7259G Datasheet HTML 8Page - Infineon Technologies AG TLE7259G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
P-DSO-8
Type
Package
Marking
TLE7259G
P-DSO-8
7259G
Data Sheet
2
Rev 2.1, 2007-04-27
LIN Transceiver
TLE7259G
1Overview
Features
•
Transmission rate up to 20 kBaud
•
Compliant to LIN specification 1.2, 1.3, 2.0 and 2.1
•
Support of K-line function (ISO 9141)
•
Very high ESD Robustness
•
Very low Electromagnetic Emission (EME)
•
Very High Electromagnetic Immunity (EMI)
•
Very low current consumption in sleep mode
•
Very low leakage current on the BUS output
•
Control output for voltage regulator
•
Wake up source recognition (local/remote)
•
For 3.3 V and 5 V micro controller I/O
•
Suitable for 12V and 24V board-net
•
Bus short to VBAT protection
•
Bus short to GND handling
•
Over temperature protection
•
AEC Qualified
Description
The TLE7259G is a transceiver for the Local Interconnect Network (LIN) with integrated wake-up and protection
features. It is designed for in-vehicle networks using data transmission rates from 2.4 kBaud to 20 kBaud. The
TLE7259G functions as a bus driver between the protocol controller and the physical bus inside the LIN network.
Compliant to all LIN standards and with a wide operational supply range the TLE7259G can be used in all
automotive applications.
Different operation modes and the INH output allow the TLE7259G to control external components, like voltage
regulators. In Sleep-mode the TLE7259G draws less than 8
µA of quiescent while still being able to wake up off
of LIN bus traffic and a local wake-up input. The very low leakage current on the BUS pin makes the TLE7259G
especially suitable for “Mixed Power Supply“ applications and supports the low quiescent current requirements of
the LIN network.
Based on the Infineon Smart Power Technology SPT®, the TLE7259G provides excellent ESD Robustness
together with a very high electromagnetic immunity (EMI). The TLE7259G reaches a very low level of
electromagnetic emission (EME) within a broad frequency range and independent form the battery voltage.
The Infineon Smart Power Technology SPT® allows bipolar and CMOS control circuitry in accordance with DMOS
power devices existing on the same monolithic circuit. The TLE7259G and the Infineon SPT® technology are AEC
qualified and tailored to withstand the harsh condition of the Automotive Environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com