Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B554KP Datasheet(PDF) 22 Page - Kemet Corporation

Part # CSR09B554KP
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B554KP Datasheet(HTML) 22 Page - Kemet Corporation

Back Button CSR09B554KP Datasheet HTML 18Page - Kemet Corporation CSR09B554KP Datasheet HTML 19Page - Kemet Corporation CSR09B554KP Datasheet HTML 20Page - Kemet Corporation CSR09B554KP Datasheet HTML 21Page - Kemet Corporation CSR09B554KP Datasheet HTML 22Page - Kemet Corporation CSR09B554KP Datasheet HTML 23Page - Kemet Corporation CSR09B554KP Datasheet HTML 24Page - Kemet Corporation CSR09B554KP Datasheet HTML 25Page - Kemet Corporation CSR09B554KP Datasheet HTML 26Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
KEMET T222 SERIES
MIL-PRF-39003 (CSR09) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
CAPACITANCE
LEAKAGE
FACTOR
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C
2.7
A
5
T222A275J006(1)S
0.6
6
1001
1061
1121
1181
2001
3001
4001
2.7
A
10
T222A275K006(1)S
0.6
6
0001
0061
0121
0181
2002
3002
4002
18.0
B
5
T222B186J006(1)S
1.4
6
1002
1062
1122
1182
2003
3003
4003
18.0
B
10
T222B186K006(1)S
1.4
6
0002
0062
0122
0182
2004
3004
4004
10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C
1.8
A
5
T222A185J010(1)S
0.6
6
1007
1067
1127
1187
2005
3005
4005
1.8
A
10
T222A185K010(1)S
0.6
6
0007
0067
0127
0187
2006
3006
4006
2.2
A
5
T222A225J010(1)S
0.6
6
1008
1068
1128
1188
2007
3007
4007
2.2
A
10
T222A225K010(1)S
0.6
6
0008
0068
0128
0188
2008
3008
4008
10.0
B
5
T222B106J010(1)S
2.0
6
1009
1069
1129
1189
2009
3009
4009
10.0
B
10
T222B106K010(1)S
2.0
6
0009
0069
0129
0189
2010
3010
4010
12.0
B
5
T222B126J010(1)S
2.0
6
1010
1070
1130
1190
2011
3011
4011
12.0
B
10
T222B126K010(1)S
2.0
6
0010
0070
0130
0190
2012
3012
4012
15.0
B
5
T222B156J010(1)S
2.0
6
1011
1071
1131
1191
2013
3013
4013
15.0
B
10
T222B156K010(1)S
2.0
6
0011
0071
0131
0191
2014
3014
4014
15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C
1.0
A
5
T222A105J015(1)S
0.6
6
1012
1072
1132
1192
2015
3015
4015
1.0
A
10
T222A105K015(1)S
0.6
6
0012
0072
0132
0192
2016
3016
4016
1.2
A
5
T222A125J015(1)S
0.6
6
1013
1073
1133
1193
2017
3017
4017
1.2
A
10
T222A125K015(1)S
0.6
6
0013
0073
0133
0193
2018
3018
4018
1.5
A
5
T222A155J015(1)S
0.6
6
1014
1074
1134
1194
2019
3019
4019
1.5
A
10
T222A155K015(1)S
0.6
6
0014
0074
0134
0194
2020
3020
4020
8.2
B
5
T222B825J015(1)S
1.8
6
1015
1075
1135
1195
2021
3021
4021
8.2
B
10
T222B825K015(1)S
1.8
6
0015
0075
0135
0195
2022
3022
4022
20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C
0.56
A
5
T222A564J020(1)S
0.6
3
1016
1076
1136
1196
2023
3023
4023
0.56
A
10
T222A564K020(1)S
0.6
3
0016
0076
0136
0196
2024
3024
4024
0.68
A
5
T222A684J020(1)S
0.6
3
1017
1077
1137
1197
2025
3025
4025
0.68
A
10
T222A684K020(1)S
0.6
3
0017
0077
0137
0197
2026
3026
4026
0.82
A
5
T222A824J020(1)S
0.6
3
1018
1078
1138
1198
2027
3027
4027
0.82
A
10
T222A824K020(1)S
0.6
3
0018
0078
0138
0198
2028
3028
4028
1.0
A
5
T222A105J020(1)S
0.6
3
1019
1079
1139
1199
2029
3029
4029
1.0
A
10
T222A105K020(1)S
0.6
3
0019
0079
0139
0199
2030
3030
4030
3.3
B
5
T222B335J020(1)S
1.0
3
1020
1080
1140
1200
2031
3031
4031
3.3
B
10
T222B335K020(1)S
1.0
3
0020
0080
0140
0200
2032
3032
4032
3.9
B
5
T222B395J020(1)S
2.0
3
1021
1081
1141
1201
2033
3033
4033
3.9
B
10
T222B395K020(1)S
2.0
3
0021
0081
0141
0201
2034
3034
4034
4.7
B
5
T222B475J020(1)S
2.0
3
1022
1082
1142
1202
2035
3035
4035
4.7
B
10
T222B475K020(1)S
2.0
3
0022
0082
0142
0202
2036
3036
4036
5.6
B
5
T222B565J020(1)S
2.0
3
1023
1083
1143
1203
2037
3037
4037
5.6
B
10
T222B565K020(1)S
2.0
3
0023
0083
0143
0203
2038
3038
4038
6.8
B
5
T222B685J020(1)S
2.0
3
1024
1084
1144
1204
2039
3039
4039
6.8
B
10
T222B685K020(1)S
2.0
3
0024
0084
0144
0204
2040
3040
4040
35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C
0.33
A
5
T222A334J035(1)S
0.6
3
1025
1085
1145
1205
2041
3041
4041
0.33
A
10
T222A334K035(1)S
0.6
3
0025
0085
0145
0205
2042
3042
4042
0.39
A
5
T222A394J035(1)S
0.6
3
1026
1086
1146
1206
2043
3043
4043
0.39
A
10
T222A394K035(1)S
0.6
3
0026
0086
0146
0206
2044
3044
4044
0.47
A
5
T222A474J035(1)S
0.6
3
1027
1087
1147
1207
2045
3045
4045
0.47
A
10
T222A474K035(1)S
0.6
3
0027
0087
0147
0207
2046
3046
4046
2.2
B
5
T222B225J035(1)S
1.4
3
1028
1088
1148
1208
2047
3047
4047
2.2
B
10
T222B225K035(1)S
1.4
3
0028
0088
0148
0208
2048
3048
4048
2.7
B
5
T222B275J035(1)S
1.4
3
1029
1089
1149
1209
2049
3049
4049
2.7
B
10
T222B275K035(1)S
1.4
3
0029
0089
0149
0209
2050
3050
4050
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T222 SERIES — POLAR MINIATURE (CSR09)
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
25
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/2D
EXPONENTIAL
MIL-PRF-39003/2D
GRADED
(1) To complete Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 24.
Bold Face lines indicate popular part types and values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com